Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN2681 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SCN2681
Description  Dual asynchronous receiver/transmitter DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2681 Datasheet(HTML) 2 Page - NXP Semiconductors

  SCN2681 Datasheet HTML 1Page - NXP Semiconductors SCN2681 Datasheet HTML 2Page - NXP Semiconductors SCN2681 Datasheet HTML 3Page - NXP Semiconductors SCN2681 Datasheet HTML 4Page - NXP Semiconductors SCN2681 Datasheet HTML 5Page - NXP Semiconductors SCN2681 Datasheet HTML 6Page - NXP Semiconductors SCN2681 Datasheet HTML 7Page - NXP Semiconductors SCN2681 Datasheet HTML 8Page - NXP Semiconductors SCN2681 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Philips Semiconductors
Product specification
SCN2681
Dual asynchronous receiver/transmitter (DUART)
2
1998 Sep 04
853–1077 19970
DESCRIPTION
The Philips Semiconductors SCN2681 Dual Universal
Asynchronous Receiver/Transmitter (DUART) is a single-chip
MOS-LSI communications device that provides two independent
full-duplex asynchronous receiver/transmitter channels in a single
package. It interfaces directly with microprocessors and may be
used in a polled or interrupt driven system.
The operating mode and data format of each channel can be
programmed independently. Additionally, each receiver and
transmitter can select its operating speed as one of eighteen fixed
baud rates, a 16X clock derived from a programmable counter/timer,
or an external 1X or 16X clock. The baud rate generator and
counter/timer can operate directly from a crystal or from external
clock inputs. The ability to independently program the operating
speed of the receiver and transmitter make the DUART particularly
attractive for dual-speed channel applications such as clustered
terminal systems.
Each receiver is quadruply buffered to minimize the potential of
receiver over-run or to reduce interrupt overhead in interrupt driven
systems. In addition, a flow control capability is provided to disable
a remote DUART transmitter when the buffer of the receiving device
is full.
Also provided on the SCN2681 are a multipurpose 7-bit input port
and a multipurpose 8-bit output port. These can be used as general
purpose I/O ports or can be assigned specific functions (such as
clock inputs or status/interrupt outputs) under program control.
The SCN2681 is available in three package versions: 40-pin and
28–pin, both 0.6” wide DIPs; a compact 24-pin 0.4” wide DIP; and a
44-pin PLCC.
FEATURES
Dual full-duplex asynchronous receiver/transmitter
Quadruple buffered receiver data registers
Programmable data format
– 5 to 8 data bits plus parity
– Odd, even, no parity or force parity
– 1, 1.5 or 2 stop bits programmable in 1/16-bit increments
Programmable baud rate for each receiver and transmitter
selectable from:
– 22 fixed rates: 50 to 115.2k baud
16-bit programmable Counter/Timer
– Non-standard rates to 115.2Kb
– One user-defined rate derived from programmable
timer/counter
– External 1X or 16X clock
Parity, framing, and overrun error detection
False start bit detection
Line break detection and generation
Programmable channel mode
– Normal (full-duplex)
– Automatic echo
– Local loopback
– Remote loopback
Multi-function programmable 16-bit counter/timer
Multi-function 7-bit input port
– Can serve as clock or control inputs
– Change of state detection on four inputs
– 100k
Ω typical pull-up resistor
Multi-function 8-bit output port
– Individual bit set/reset capability
– Outputs can be programmed to be status/interrupt signals
Versatile interrupt system
– Single interrupt output with eight maskable interrupting
conditions
– Output port can be configured to provide a total of up to six
separate wire-ORable interrupt outputs
Maximum data transfer: 1X – 1MB/sec, 16X – 125kB/sec
Automatic wake-up mode for multidrop applications
Start-end break interrupt/status
Detects break which originates in the middle of a character
On-chip crystal oscillator
Single +5V power supply
Commercial and industrial temperature ranges available
DIP and PLCC packages
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
Commercial
Industrial
DESCRIPTION
VCC = +5V +5%, TA = 0°C to +70°C
VCC = +5V +10%, TA = -40°C to +85°C
Plastic DIP
Plastic LCC
Plastic DIP
Plastic LCC
24-Pin1
SCN2681AC1N24
Not available
SCN2681AE1N24
Not available
28-Pin2
SCN2681AC1N28
Not available
SCN2681AE1N28
Not available
40-Pin2
SCN2681AC1N40
Not available
SCN2681AE1N40
Not available
44-Pin
Not available
SCN2681AC1A44
Not available
SCN2681AE1A44
NOTES:
1. 400mil-wide Dual In-Line Package
2. 600mil-wide Dual In-Line Package


Similar Part No. - SCN2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681TC1A44 PHILIPS-SCN2681TC1A44 Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681TC1N40 PHILIPS-SCN2681TC1N40 Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results

Similar Description - SCN2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com