Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN2661BC1F28 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SCN2661BC1F28
Description  Enhanced programmable communications interface EPCI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2661BC1F28 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SCN2661BC1F28 Datasheet HTML 3Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 4Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 5Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 6Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 7Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 8Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 9Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 10Page - NXP Semiconductors SCN2661BC1F28 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Philips Semiconductors
Product specification
SCN2661/SCN68661
Enhanced programmable communications
interface (EPCI)
1994 Apr 27
7
Table 2.
CPU-Related Signals
PIN NAME
PIN NO.
INPUT/
OUTPUT
FUNCTION
RESET
21
I
A High on this input performs a master reset on the 68661. This signal asynchronously
terminates any device activity and clears the mode, command and status registers. The
device assumes the idle state and remains there until initialized with the appropriate control
words.
A0, A1
12,10
I
Address lines used to select internal EPCI registers.
R/W
13
I
Read command when Low, write command when High.
CE
11
I
Chip enable command. When Low, indicates that control and data lines to the EPCI are
valid and that the operation specified by the RW, A1 and A0 inputs should be performed.
When High, places the D0–D7 lines in the 3-State condition.
D0–D7
27,28,1,2,5–8
I/O
8-bit, 3-State data bus used to transfer commands, data and status between EPCI and the
CPU. D0 is the least significant bit, D7 the most significant bit.
TxRDY
15
O
This output is the complement of status register bit SR0. When Low, it indicates that the
transmit data holding register (THR) is ready to accept a data character from the CPU. It
goes High when the data character is loaded. This output is valid only when the transmitter
is enabled. It is an open-drain output which can be used as an interrupt to the CPU.
RxRDY
14
O
This output is the complement of status register bit SR1. When Low, it indicates that the
receive data holding register (RHR) has a character ready for input to the CPU. It goes
High when the RHR is read by the CPU, and also when the receiver is disabled. It is an
open-drain output which can be used as an interrupt to the CPU.
TxEMT/DS
CHG
18
O
This output is the complement of status register bit SR2. When Low, it indicates that the
transmitter has completed serialization of the last character loaded by the CPU, or that a
change of state of the DSR or DCD inputs has occurred. This output goes High when the
status register is ready by the CPU, if the TxEMT condition does not exist. Otherwise, the
THR must be loaded by the CPU for this line to go high. It is an open-drain output which
can be used as an interrupt to the CPU. See Status Register (SR2) for details.
Table 3.
Device-Related Signals
PIN NAME
PIN NO.
INPUT/
OUTPUT
FUNCTION
BRCLK
20
I
Clock input to the internal baud rate generator (see Table 1). Not required if external
receiver and transmitter clocks are used.
RxC/BKDET
25
I/O
Receiver clock. If external receiver clock is programmed, this input controls the rate at
which the character is to be received. Its frequency is 1X, 16X or 64X the baud rate, as
programmed by mode register 1. Data are sampled on the rising edge of the clock. If
internal receiver clock is programmed, this pin can be a 1X/16X clock or a break detect
output pin.
TxC/XSYNC
9
I/O
Transmitter clock. If external transmitter clock is programmed, this input controls the rate at
which the character is transmitted. Its frequency is 1X, 16X or 64X the baud rate, as
programmed by mode register 1. The transmitted data changes on the falling edge of the
clock. If internal transmitter clock is programmed, this pin can be a 1X/16X clock output or
an external jam synchronization input.
RxD
3
I
Serial data input to the receiver. “Mark” is High, “space” is Low.
TxD
19
O
Serial data output from the transmitter. “Mark” is High, “Space” is Low. Held in mark
condition when the transmitter is disabled.
DSR
22
I
General purpose input which can be used for data set ready or ring indicator condition. Its
complement appears as status register bit SR7. Causes a Low output on TxEMT/DSCHG
when its state changes if CR2 or CR0 = 1.
DCD
16
I
Data carrier detect input. Must be Low in order for the receiver to operate. Its complement
appears as status register bit SR6. Causes a Low output on TxEMT/DSCHG when its
state changes if CR2 or CR0 = 1. If DCD goes High while receiving, the RxC is internally
inhibited.
CTS
17
I
Clear to send input. Must be Low in order for the transmitter to operate. If it goes High
during transmission, the character in the transmit shift register will be transmitted before
termination.
DTR
24
O
General purpose output which is the complement of command register bit CR1. Normally
used to indicate data terminal ready.
RTS
23
O
General purpose output which is the complement of command register bit CR5. Normally
used to indicate request to send. See Command Register (CR5) for details.


Similar Part No. - SCN2661BC1F28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
SCN2651CC1N28 PHILIPS-SCN2651CC1N28 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
More results

Similar Description - SCN2661BC1F28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM2661 ETC1-COM2661 Datasheet
1Mb / 12P
   Enhanced Programmable Communication Interface EPCI
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
   PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
   Programmable Communications Interface
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
logo
Toshiba Semiconductor
TMP68661 TOSHIBA-TMP68661 Datasheet
1Mb / 35P
   The TMP68661 enhanced programmable communications interface is a universal sychoronous/asynchronous data..
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M51L AVAGO-ACPL-M51L Datasheet
294Kb / 12P
   Communications Interface
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
logo
Zilog, Inc.
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com