Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB8150 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SB8150
Description  8.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB8150 Datasheet(HTML) 2 Page - Won-Top Electronics

  SB8150 Datasheet HTML 1Page - Won-Top Electronics SB8150 Datasheet HTML 2Page - Won-Top Electronics SB8150 Datasheet HTML 3Page - Won-Top Electronics SB8150 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB8150
2 of 4
© 2006 Won-Top Electronics
0
2
4
6
8
10
50
100
150
T , CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
C
Single Phase Half-Wave
60 Hz Resistive or Inductive
Load 9.5mm Lead Length
100
1000
10000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
40
80
120
160
200
110
100
NUMBER OF CYCLES AT 60 Hz
Fig.3 Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
0.1
1.0
10
30
0.1
0.3
0.5
0.7
0.9
1.1
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Voltage Characteristics
F
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ


Similar Part No. - SB8150

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB8150 CTC-SB8150 Datasheet
103Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB8150CT WTE-SB8150CT Datasheet
49Kb / 4P
   8.0A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB8150CT PANJIT-SB8150CT Datasheet
428Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
SUNMATE electronic Co.,...
SB8150CT SUNMATE-SB8150CT Datasheet
2Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB8150D WTE-SB8150D Datasheet
47Kb / 4P
   8.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB8150

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB8150F WTE-SB8150F Datasheet
47Kb / 4P
   8.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB8150CT WTE-SB8150CT Datasheet
49Kb / 4P
   8.0A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB8150FCT WTE-SB8150FCT Datasheet
48Kb / 4P
   8.0A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB8150FCT WTE-SB8150FCT_08 Datasheet
59Kb / 4P
   8.0A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB8150D WTE-SB8150D Datasheet
47Kb / 4P
   8.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL830 DIODES-SBL830_1 Datasheet
75Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS23044 Rev. 4 - 2
logo
Won-Top Electronics
SB820 WTE-SB820_06 Datasheet
50Kb / 4P
   8.0A SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F_06 Datasheet
50Kb / 4P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR860 KERSEMI-MBR860 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
MBR830 KERSEMI-MBR830 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com