Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VC002 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS470R1VC002
Description  16/32-BIT RISC ROM MICROCONTROLLER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VC002 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS470R1VC002 Datasheet HTML 4Page - Texas Instruments TMS470R1VC002 Datasheet HTML 5Page - Texas Instruments TMS470R1VC002 Datasheet HTML 6Page - Texas Instruments TMS470R1VC002 Datasheet HTML 7Page - Texas Instruments TMS470R1VC002 Datasheet HTML 8Page - Texas Instruments TMS470R1VC002 Datasheet HTML 9Page - Texas Instruments TMS470R1VC002 Datasheet HTML 10Page - Texas Instruments TMS470R1VC002 Datasheet HTML 11Page - Texas Instruments TMS470R1VC002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
TMS470R1VC002
16/32-BIT RISC ROM MICROCONTROLLER
SPNS072B – NOVEMBER 2001 – REVISED OCTOBER 2002
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions (Continued)
† I = input, O = output, PWR = power, GND = ground, REF = reference voltage, NC = no connect
‡ All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
§ IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST state.)
TERMINAL
TYPE†‡
INTERNAL
PULLUP/
PULLDOWN§
DESCRIPTION
NAME
NO.
SYSTEM MODULE (SYS)
CLKOUT
59
3.3-V I/O
IPD
Bidirectional pin. CLKOUT can be programmed as a GIO pin or the output of SYSCLK,
ICLK, or MCLK.
Note: If this pin is to be used as an input, it is recommended that an external pulldown
be used.
PORRST
21
3.3-V I
IPD
Input master chip power-up reset. External VCC monitor circuitry must assert a power-
on reset.
RST
10
3.3-V I/O
IPU
Bidirectional reset. The internal circuitry can assert a reset, and an external system
reset can assert a device reset.
On this pin, the output buffer is implemented as an open drain (drives low only).
To ensure an external reset is not arbitrarily generated, TI recommends that an
external pullup resistor be connected to this pin.
WATCHDOG/REAL-TIME INTERRUPT (WD/RTI)
AWD
50
3.3-V I/O
IPD
Analog watchdog reset. The AWD pin provides a system reset if the WD KEY is not
written in time by the system, providing an external RC network circuit is connected.
For more details on the external RC network circuit, see the
TMS470R1x System
Module Reference Guide (literature number SPNU189).
TEST/DEBUG (T/D)
TCK
54
3.3-V I
IPD
Test clock. TCK controls the test hardware (JTAG).
TDI
52
3.3-V I
IPU
Test data in. TDI inputs serial data to the test instruction register, test data register,
and programmable test address (JTAG).
TDO
53
3.3-V O
IPD
Test data out. TDO outputs serial data from the test instruction register, test data
register, identification register, and programmable test address (JTAG).
TEST
27
3.3-V I
IPD
Test enable. Reserved for internal use only.
For proper operation, this pin must be connected to ground.
TMS
84
3.3-V I
IPU
Serial input for controlling the state of the CPU TAP controller (JTAG)
TMS2
85
3.3-V I
IPU
Serial input for controlling the second TAP.
For proper operation, this pin must be connected to VCC or not connected.
TRST
26
3.3-V I
IPD
Test hardware reset to TAP1 and TAP2. IEEE Standard 1149-1 (JTAG) Boundary-
Scan Logic
For proper device operation, the TRST pin must be externally pulled down with
a 10-k
Ω resistor.
SUPPLY VOLTAGE CORE (1.8 V)
VCC
9
1.8-V
PWR
Core logic supply voltage
40
66
87
SUPPLY VOLTAGE DIGITAL I/O (3.3 V)
VCCIO
12
3.3-V
PWR
Digital I/O supply voltage
58


Similar Part No. - TMS470R1VC002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNA TI1-TMS470R1VC334APNA Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNQ TI1-TMS470R1VC334APNQ Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNT TI1-TMS470R1VC334APNT Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC336 TI1-TMS470R1VC336 Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
More results

Similar Description - TMS470R1VC002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC338 TI-TMS470R1VC338 Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
logo
Samsung semiconductor
S3F443FX SAMSUNG-S3F443FX Datasheet
708Kb / 36P
   16/32-Bit RISC Microcontroller
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com