Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2491 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2491
Description  POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2491 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2491 Datasheet HTML 1Page - Texas Instruments TPS2491 Datasheet HTML 2Page - Texas Instruments TPS2491 Datasheet HTML 3Page - Texas Instruments TPS2491 Datasheet HTML 4Page - Texas Instruments TPS2491 Datasheet HTML 5Page - Texas Instruments TPS2491 Datasheet HTML 6Page - Texas Instruments TPS2491 Datasheet HTML 7Page - Texas Instruments TPS2491 Datasheet HTML 8Page - Texas Instruments TPS2491 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
TPS2490
TPS2491
SLVS503 – NOVEMBER 2003
ELECTRICAL CHARACTERISTICS (continued)
unless otherwise noted, minimum and maximum limits apply across the recommended operating junction temperature and
voltage range, V
TIMER = 0 V, and all outputs unloaded; typical specifications are at TJ = 25°C, VVCC = 48 V, VTIMER = 0 V, and
all outputs unloaded; positive currents are into pins.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PG threshold voltage, VOUT falling, PG goes
VPGTH
VSENSE = VVCC, measure V(VCC-OUT)
2.2
2.7
3.2
V
low
∆V
PGT
PG threshold hysteresis voltage, V(SENSE-OUT)
VSENSE = VVCC
1.4
V
PG deglitch delay, detection to output, rising
tDPG
VSENSE = VVCC
5
9
15
ms
and falling edges (2)
Leakage current, PG false, open drain
10
µA
OUTPUT VOLTAGE FEEDBACK INPUT (OUT)
VOUT = VVCC, VEN = Hi, sinking
8
20
µA
IOUT
Bias current
VOUT = GND, VEN = Lo, sourcing
18
40
µA
ENABLE INPUT (EN)
VEN_H
Threshold, VEN going high
1.32
1.35
1.38
V
VEN_L
Threshold, VEN going low
1.22
1.25
1.28
V
VEN hysteresis
(2)
100
mV
Leakage current
VEN = 48 V
1
µA
INPUT SUPPLY UVLO (VCC)
VVCC turn on
Rising
8.4
8.8
V
VVCC turn off
Falling
7.5
8.3
V
Hysteresis(2)
75
mV
(2)
Not tested in production.
4


Similar Part No. - TPS2491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2491 TI-TPS2491 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491 TI-TPS2491 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491 TI1-TPS2491 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
TPS2491DGS TI-TPS2491DGS Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491DGS TI-TPS2491DGS Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
More results

Similar Description - TPS2491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com