Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD101AWS Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SD101AWS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SD101AWS Datasheet(HTML) 1 Page - Won-Top Electronics

  SD101AWS Datasheet HTML 1Page - Won-Top Electronics SD101AWS Datasheet HTML 2Page - Won-Top Electronics SD101AWS Datasheet HTML 3Page - Won-Top Electronics SD101AWS Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD101AWS – SD101CWS
1 of 4
© 2006 Won-Top Electronics
Pb
SD101AWS – SD101CWS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
!
Low Turn-on Voltage
!
Fast Switching
A
!
PN Junction Guard Ring for Transient and
ESD Protection
!
Designed for Surface Mount Application
C
!
Plastic Material – UL Recognition Flammability
D
Classification 94V-O
B
                 
E
Mechanical Data
!
Case: SOD-323, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.004 grams (approx.)
!
Marking:
SD101AWS
S2
H
SD101BWS
S3
SD101CWS
S4
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
SD101AWS
SD101BWS
SD101CWS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
50
40
V
Forward Continuous Current (Note 1)
IF
15
mA
Non-Repetitive Peak Forward Surge Current
@ t = 10µs
IFSM
2.0
A
Power Dissipation
Pd
200
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
SD101AWS
SD101BWS
SD101CWS
Unit
Forward Voltage Drop
@ IF = 1.0mA
@ IF = 15mA
VFM
0.41
1.00
0.40
0.95
0.39
0.90
V
Peak Reverse Leakage Current @ 80% DC Blocking Voltage
IRM
200
nA
Total Junction Capacitance
@ VR = 0V, f = 1.0MHz
CT
2.0
2.1
2.2
pF
Typical Reverse Recovery Time @
IF = IR = 50mA,
IRR = 0.1 x IR, RL = 100

trr
1.0
nS
Note: 1. Valid provided that terminals are kept at ambient temperature.
WTE
POWER SEMICONDUCTORS
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
All Dimensions in mm
G


Similar Part No. - SD101AWS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD101AWS DIODES-SD101AWS Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
logo
Weitron Technology
SD101AWS WEITRON-SD101AWS Datasheet
226Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD101AWS DSK-SD101AWS Datasheet
261Kb / 3P
   Schottky Barrier Diode
logo
Diodes Incorporated
SD101AWS DIODES-SD101AWS Datasheet
74Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 8 - 2
logo
SeCoS Halbleitertechnol...
SD101AWS SECOS-SD101AWS Datasheet
1Mb / 2P
   0.015AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SD101AWS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com