Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN2661AC1A28 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SCN2661AC1A28
Description  Enhanced programmable communications interface EPCI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2661AC1A28 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SCN2661AC1A28 Datasheet HTML 6Page - NXP Semiconductors SCN2661AC1A28 Datasheet HTML 7Page - NXP Semiconductors SCN2661AC1A28 Datasheet HTML 8Page - NXP Semiconductors SCN2661AC1A28 Datasheet HTML 9Page - NXP Semiconductors SCN2661AC1A28 Datasheet HTML 10Page - NXP Semiconductors SCN2661AC1A28 Datasheet HTML 11Page - NXP Semiconductors SCN2661AC1A28 Datasheet HTML 12Page - NXP Semiconductors SCN2661AC1A28 Datasheet HTML 13Page - NXP Semiconductors SCN2661AC1A28 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Philips Semiconductors
Product specification
SCN2661/SCN68661
Enhanced programmable communications
interface (EPCI)
1994 Apr 27
10
Table 5.
Mode Register 1 (MR1)
MR17
MR16
MR15
MR14
MR13
MR12
MR11
MR10
Sync/Async
Parity Type
Parity Control
Character Length
Mode and Baud Rate Factor
Async: Stop bit length
00 = invalid
01 = 1 stop bit
10 = 1 1/2 stop bits
11 = 2 stop bits
0 = Odd
1 = Even
0 = Disabled
1 = Enabled
00 = 5 bits
01 = 6 bits
10 = 7 bits
11 = 8 bits
00 = Synchronous 1X rate
01 = Asynchronous 1X rate
10 = Asynchronous 16X rate
11 = Asynchronous 64X rate
Sync:
Number of
SYN char
0 = Double SYN
1 = Single SYN
Sync:
Transparency
control
0 = Normal
1 = Transparent
NOTE: Baud rate factor in asynchronous applies only if external clock is selected. Factor is 16X if internal clock is selected. Mode must be
selected (MR11, MR10) in any case.
Table 6.
Mode Register 2 (MR2)
MR27 – MR24
MR23 – MR20
TxC
RxC
Pin 9
Pin 25
TxC
RxC
Pin 9
Pin 25
Mode
Baud Rate
Selection
0000
0001
0010
0011
0100
0101
0110
0111
E
E
I
I
E
E
I
I
E
I
E
I
E
I
E
I
TxC
TxC
1X
1X
TxC
TxC
16X
16X
RxC
1X
RxC
1X
RxC
16X
RxC
16X
1000
1001
1010
1011
1100
1101
1110
1111
E
E
I
I
E
E
I
I
E
I
E
I
E
I
E
I
XSYNC*
TxC
XSYNC*
1X
XSYNC*
TXC
XSYNC*
16X
RXC/TxC
BKDET
RxC
BKDET
RxC/TxC
BKDET
RxC
BKDET
sync
async
sync
async
sync
async
sync
async
See baud rates
in Table 1.
NOTES:
*
When pin 9 is programmed as XSYNC input, SYN1, SYN1–SYN2, and DLE–SYN1 detection is disabled.
E = External clock
I
= Internal clock (BRG)
1X and 16X are clock outputs.
Table 7.
Command Register (CR)
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
Operating Mode
Request
to Send
Reset Error
Sync/Async
Receive
Control
(RxEN)
Data Terminal
Ready
Transmit
Control
(TxEN)
00 = Normal operation
01 = Async:
Automatic
Echo mode
Sync: SYN and/or DLE
stripping mode
10 = Local loopback
11 = Remote loopback
0 = Force RTS
Output High
one clock
time after
TxSR
serialization
1 = Force RTS
output Low
0 = Normal
1 = Reset error
flags in
status reg.
(FE,OE,PE/
DLE detect.)
Async:
Force Break
0 = Normal
1 = Force
break
Sync
Send DLE
0 = Normal
1 = Send DLE
0 = Disable
1 = Enable
Not applicable
in
0 = Force DTR
output High
1 = Force DTR
output Low
0 = Disable
1 = Enable


Similar Part No. - SCN2661AC1A28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
SCN2651CC1N28 PHILIPS-SCN2651CC1N28 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
More results

Similar Description - SCN2661AC1A28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM2661 ETC1-COM2661 Datasheet
1Mb / 12P
   Enhanced Programmable Communication Interface EPCI
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
   PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
   Programmable Communications Interface
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
logo
Toshiba Semiconductor
TMP68661 TOSHIBA-TMP68661 Datasheet
1Mb / 35P
   The TMP68661 enhanced programmable communications interface is a universal sychoronous/asynchronous data..
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M51L AVAGO-ACPL-M51L Datasheet
294Kb / 12P
   Communications Interface
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
logo
Zilog, Inc.
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com