Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1045-TB Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SD1045-TB
Description  10A SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SD1045-TB Datasheet(HTML) 2 Page - Won-Top Electronics

  SD1045-TB Datasheet HTML 1Page - Won-Top Electronics SD1045-TB Datasheet HTML 2Page - Won-Top Electronics SD1045-TB Datasheet HTML 3Page - Won-Top Electronics SD1045-TB Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD1030 – SD1045
2 of 4
© 2006 Won-Top Electronics
0
2.5
5.0
7.5
10
10
50
100
150
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
Single Phase Half-Wave
60 Hz Resistive or Inductive
Load 9.5mm Lead Length
100
1000
10000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
100
200
300
400
500
110
100
NUMBER OF CYCLES AT 50 Hz
Fig.3 Peak Forward Surge Current
10ms Single Sine-Wave
JEDEC Method
1
10
20
30
0.1
0.3
0.5
0.7
0.9
1.1
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Voltage Characteristics
F
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ


Similar Part No. - SD1045-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SD1045 WTE-SD1045 Datasheet
68Kb / 4P
   10A SCHOTTKY BARRIER DIODE
logo
Shenzhen Luguang Electr...
SD1045SL LUGUANG-SD1045SL Datasheet
195Kb / 3P
   10A/45V Low VF Schottky Rectifier
SD1045SL LUGUANG-SD1045SL Datasheet
218Kb / 3P
   10A/45V Low VF Schottky Rectifier
More results

Similar Description - SD1045-TB

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
10SQ030 ZSELEC-10SQ030 Datasheet
171Kb / 2P
   10A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SD1030 WTE-SD1030_08 Datasheet
68Kb / 4P
   10A SCHOTTKY BARRIER DIODE
logo
Renesas Technology Corp
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ_15 Datasheet
80Kb / 4P
   600V - 10A - Diode SiC Schottky Barrier Diode
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ Datasheet
169Kb / 4P
   600V - 10A - Diode SiC Schottky Barrier Diode
Jan 23, 2014
logo
Zibo Seno Electronic En...
SB10T80L ZSELEC-SB10T80L Datasheet
328Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL1045 ZSELEC-SL1045 Datasheet
271Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR10T80L ZSELEC-SR10T80L Datasheet
264Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SB1045L ZSELEC-SB1045L Datasheet
278Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR1045L ZSELEC-SR1045L Datasheet
228Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL10T80 ZSELEC-SL10T80 Datasheet
328Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com