Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR22 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SR22
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SR22 Datasheet(HTML) 3 Page - Won-Top Electronics

  SR22_06 Datasheet HTML 1Page - Won-Top Electronics SR22_06 Datasheet HTML 2Page - Won-Top Electronics SR22_06 Datasheet HTML 3Page - Won-Top Electronics SR22_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SR22 – SR210
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
330
7,500
340 x 337 x 45
15,000
370 x 370 x 420
120,000
17.5
inches(mm)
Product ID Label
Direction of Unreeling
12mm
4mm
1.6mm
Note: 1. Paper reel, white or gray color.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
TAPE & REEL
Cathode
= Polarity Band
WTE
= Manufacturer’s Logo
SR2x
= Device Number
x
= 2, 3, 4, 5, 6, 8, 9 or 10
WT E
SR2x
0.050 MIN
(1.27 MIN)
0.058 MIN
(1.47 MIN)
0.083 MAX
(2.11 MAX)
330mm
12mm
4mm


Similar Part No. - SR22_06

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR2200 RECTRON-SR2200 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
logo
Jinan Jing Heng Electro...
SR2200 JINGHENG-SR2200 Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SR2200 PACELEADER-SR2200 Datasheet
524Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
SR2200 JINANJINGHENG-SR2200 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Dongguan City Niuhang E...
SR2200 NIUHANG-SR2200 Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR22_06

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DS22W ZSELEC-DS22W Datasheet
138Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
20BQ020 ZSELEC-20BQ020 Datasheet
151Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK22 ZSELEC-SK22 Datasheet
122Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS220S ZSELEC-SS220S Datasheet
93Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22 ZSELEC-SS22 Datasheet
64Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22F ZSELEC-SS22F Datasheet
87Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DSK22 ZSELEC-DSK22 Datasheet
139Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SK22 WTE-SK22_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SK23 ZSELEC-SK23 Datasheet
156Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22BF ZSELEC-SS22BF Datasheet
87Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com