Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF53 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SF53
Description  5.0A SUPERFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF53 Datasheet(HTML) 1 Page - Won-Top Electronics

  SF53 Datasheet HTML 1Page - Won-Top Electronics SF53 Datasheet HTML 2Page - Won-Top Electronics SF53 Datasheet HTML 3Page - Won-Top Electronics SF53 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SF51 – SF57
1 of 4
© 2006 Won-Top Electronics
Pb
SF51 – SF57
5.0A SUPERFAST DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-201AD, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SF51
SF52
SF53
SF54
SF55
SF56
SF57
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
5.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 5.0A
VFM
0.95
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
35
nS
Typical Junction Capacitance (Note 3)
Cj
110
50
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-201AD
Dim
Min
Max
A
25.4
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm


Similar Part No. - SF53

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SF53 SHUNYE-SF53 Datasheet
383Kb / 2P
   SUPER FAST RECTIFIER
logo
Mospec Semiconductor
SF53 MOSPEC-SF53 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Galaxy Semi-Conductor H...
SF53 BILIN-SF53 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
logo
Guangdong Juxing Electr...
SF53 JUXING-SF53 Datasheet
641Kb / 2P
   Superfast Recovery Rectitiers
logo
Diotech Company.
SF53 DIOTECH-SF53 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - SF53

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MURD510 ZSELEC-MURD510 Datasheet
184Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFD510 ZSELEC-SFD510 Datasheet
118Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MURB510 ZSELEC-MURB510 Datasheet
229Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR510 ZSELEC-MUR510 Datasheet
203Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF50AG ZSELEC-SF50AG Datasheet
142Kb / 2P
   5.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF51G ZSELEC-SF51G Datasheet
127Kb / 2P
   5.0A SUPERFAST GLASS PASSVITED RECTIFIER
logo
Won-Top Electronics
BY550-50 WTE-BY550-50 Datasheet
47Kb / 4P
   5.0A STANDARD DIODE
HER501 WTE-HER501 Datasheet
59Kb / 4P
   5.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
HER501 ZSELEC-HER501 Datasheet
108Kb / 2P
   5.0A ULTRAFAST DIODE
logo
Won-Top Electronics
SR5100 WTE-SR5100_V01 Datasheet
43Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
September, 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com