Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF15-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SF15-T3
Description  1.0A SUPERFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF15-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  SF15-T3 Datasheet HTML 1Page - Won-Top Electronics SF15-T3 Datasheet HTML 2Page - Won-Top Electronics SF15-T3 Datasheet HTML 3Page - Won-Top Electronics SF15-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SF11 – SF17
2 of 4
© 2006 Won-Top Electronics

0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
Pulse width = 300 s
j
°
µ
10
20
30
0
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
Pulse width
8.3 ms single half-sine-wave
(JEDEC method)
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
SF11 - SF14
SF15 - SF17
T = 25 C
f = 1.0MHz
j
°
0
0.25
0.50
0.75
1.00
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load
SF11 - SF14
SF15 - SF16
SF17


Similar Part No. - SF15-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF15-T3 WTE-SF15-T3 Datasheet
46Kb / 3P
   1.0A SUPER-FAST RECTIFIER
More results

Similar Description - SF15-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ES1000FL ZSELEC-ES1000FL Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
ES1AW ZSELEC-ES1AW Datasheet
146Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
1E1 ZSELEC-1E1 Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
ER101 ZSELEC-ER101 Datasheet
136Kb / 2P
   1.0A SUPERFAST RECTIFIER
SF11 ZSELEC-SF11 Datasheet
115Kb / 2P
   1.0A SUPERFAST RECTIFIER
logo
Won-Top Electronics
ES1A WTE-ES1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ER1A ZSELEC-ER1A Datasheet
150Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES1A ZSELEC-ES1A Datasheet
139Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
ER1A WTE-ER1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
EFS1J WTE-EFS1J Datasheet
52Kb / 4P
   1.0A LOW VF SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com