Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN2661CC1A28 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SCN2661CC1A28
Description  Enhanced programmable communications interface EPCI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2661CC1A28 Datasheet(HTML) 4 Page - NXP Semiconductors

  SCN2661CC1A28 Datasheet HTML 1Page - NXP Semiconductors SCN2661CC1A28 Datasheet HTML 2Page - NXP Semiconductors SCN2661CC1A28 Datasheet HTML 3Page - NXP Semiconductors SCN2661CC1A28 Datasheet HTML 4Page - NXP Semiconductors SCN2661CC1A28 Datasheet HTML 5Page - NXP Semiconductors SCN2661CC1A28 Datasheet HTML 6Page - NXP Semiconductors SCN2661CC1A28 Datasheet HTML 7Page - NXP Semiconductors SCN2661CC1A28 Datasheet HTML 8Page - NXP Semiconductors SCN2661CC1A28 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Philips Semiconductors
Product specification
SCN2661/SCN68661
Enhanced programmable communications
interface (EPCI)
1994 Apr 27
4
AC ELECTRICAL CHARACTERISTICS1, 2, 3
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
Pulse width
tRES
tCE
Reset
Chip enable
1000
250
ns
ns
Setup and hold time
tAS
tAH
tCS
tCH
tDS
tDH
tRXS
tRXH
Address setup
Address hold
R/W control setup
R/W control hold
Data setup for write
Data hold for write
RX data setup
RX data hold
10
10
10
10
150
10
300
350
ns
ns
ns
ns
ns
ns
ns
ns
tDD
tDF7
tCED
Data delay time for read
Data bus floating time for read
CE to CE delay
CL = 150pF
CL = 150pF
600
200
100
ns
ns
ns
Input clock frequency
fBRG
fBRG
fR/T6
Baud rate generator (2661A, B)
Baud rate generator (2661C)
TxC or RxC
1.0
1.0
dc
4.9152
5.0688
4.9202
5.0738
1.0
MHz
MHz
MHz
Clock width
tBRH5
tBRH5
tBRL5
tBRL5
tR/TH
tR/TL6
Baud rate High (2661A, B)
Baud rate High (2661C)
Baud rate Low (2661A, B)
Baud rate Low (2661C)
TxC or RxC High
TxC or RxC Low
75
70
75
70
480
480
ns
ns
ns
ns
ns
ns
tTXD
tTCS
TxD delay from falling edge of TxC
Skew between TxD changing and falling edge
of TxC output4
CL = 150pF
CL = 150pF
0
650
ns
ns
NOTES:
1. Over recommended free-air operating temperature range and supply voltage range unless otherwise specified. For conditions shown as MIN
or MAX, use the appropriate value specified under recommended operating conditions.
2. All voltages measurements are referenced to ground. All time measurements are at the 50% level for inputs (except tBRH and tBRL) and at
0.8V and 2.0V for outputs. Input levels swing between 0.4V and 2.4V, with a transition time of
≤ 20ns maximum.
3. Typical values are at +25
°C, typical supply voltages and typical processing parameters.
4. Parameter applies when internal transmitter clock is used.
5. Under test conditions of 5.0688MHz fBRG (68661) and 4.9152MHz fBRG (68661A, B), tBRH and tBRL measured at VIH and VIL, respectively.
6. In asynchronous local loopback mode, using 1X clock, the following parameters apply: fR/T = 0.83MHz max and tR/TL = 700ns min.
7. See AC load conditions.
BLOCK DIAGRAM
The EPCI consists of six major sections. These are the transmitter,
receiver, timing, operation control, modern control and SYN/DLE
control. These sections communicate with each other via an
internal data bus and an internal control bus. The internal data bus
interfaces to the microprocessor data bus via a data bus buffer.
Operation Control
This functional block stores configuration and operation commands
from the CPU and generates appropriate signals to various internal
sections to control the overall device operation. It contains read and
write circuits to permit communications with the microprocessor via
the data bus and contains mode registers 1 and 2, the command
register, and the status register. Details of register addressing and
protocol are presented in the EPCI programming section of this data
sheet.
Timing
The EPCI contains a Baud Rate Generator (BRG) which is
programmable to accept external transmit or receive clocks or to
divide an external clock to perform data communications. The unit
can generate 16 commonly used baud rates, any one of which can
be selected for full-duplex operation. See Table 1.
Receiver
The receiver accepts serial data on the RxD pin, converts this serial
input to parallel format, checks for bits or characters that are unique
to the communication technique and sends an “assembled”
character to the CPU.
Transmitter
The transmitter accepts parallel data from the CPU, converts it to a
serial bit stream, inserts the appropriate characters or bits (based on


Similar Part No. - SCN2661CC1A28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
SCN2651CC1N28 PHILIPS-SCN2651CC1N28 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
More results

Similar Description - SCN2661CC1A28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM2661 ETC1-COM2661 Datasheet
1Mb / 12P
   Enhanced Programmable Communication Interface EPCI
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
   PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
   Programmable Communications Interface
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
logo
Toshiba Semiconductor
TMP68661 TOSHIBA-TMP68661 Datasheet
1Mb / 35P
   The TMP68661 enhanced programmable communications interface is a universal sychoronous/asynchronous data..
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M51L AVAGO-ACPL-M51L Datasheet
294Kb / 12P
   Communications Interface
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
logo
Zilog, Inc.
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com