Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4420DY Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SI4420DY
Description  N-channel enhancement mode field-effect transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI4420DY Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SI4420DY Datasheet HTML 2Page - NXP Semiconductors SI4420DY Datasheet HTML 3Page - NXP Semiconductors SI4420DY Datasheet HTML 4Page - NXP Semiconductors SI4420DY Datasheet HTML 5Page - NXP Semiconductors SI4420DY Datasheet HTML 6Page - NXP Semiconductors SI4420DY Datasheet HTML 7Page - NXP Semiconductors SI4420DY Datasheet HTML 8Page - NXP Semiconductors SI4420DY Datasheet HTML 9Page - NXP Semiconductors SI4420DY Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Si4420DY
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 28 May 2001
6 of 12
9397 750 08239
© Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
ID = 250 µA; VDS =VGS
Tj =25 °C; VDS =5V
Fig 9.
Gate-source threshold voltage as a function of
junction temperature.
Fig 10. Sub-threshold drain current as a function of
gate-source voltage.
03ae57
0
0.01
0.02
0
1020
3040
50
ID (A)
RDSon
(
Ω)
Tj = 25 ºC
4 V
VGS =10 V
03ad57
0
0.4
0.8
1.2
1.6
2
-60
0
60
120
180
Tj (ºC)
a
a
R
DSon
R
DSon 25 C
°
()
----------------------------
=
03aa33
0
0.5
1
1.5
2
2.5
-60
0
60
120
180
Tj (
oC)
VGS(th)
(V)
03aa36
10-6
10-5
10-4
10-3
10-2
10-1
0
0.5
1
1.5
2
2.5
3
VGS (V)
ID
(A)
max
typ
min


Similar Part No. - SI4420DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4420DY FAIRCHILD-SI4420DY Datasheet
281Kb / 3P
   Single N-Channel Logic Level PowerTrencha MOSFET
logo
Vishay Siliconix
SI4420DY VISHAY-SI4420DY Datasheet
92Kb / 1P
   N-Channel, 30-V (D-S) MOSFET
06-May-05
logo
International Rectifier
SI4420DY IRF-SI4420DY Datasheet
113Kb / 8P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
SI4420DY-T1-E3 VBSEMI-SI4420DY-T1-E3 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
International Rectifier
SI4420DYPBF IRF-SI4420DYPBF Datasheet
119Kb / 8P
   HEXFETPower MOSFET
More results

Similar Description - SI4420DY

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com