Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4382 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # SRC4382
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4382 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button SRC4382 Datasheet HTML 6Page - Burr-Brown (TI) SRC4382 Datasheet HTML 7Page - Burr-Brown (TI) SRC4382 Datasheet HTML 8Page - Burr-Brown (TI) SRC4382 Datasheet HTML 9Page - Burr-Brown (TI) SRC4382 Datasheet HTML 10Page - Burr-Brown (TI) SRC4382 Datasheet HTML 11Page - Burr-Brown (TI) SRC4382 Datasheet HTML 12Page - Burr-Brown (TI) SRC4382 Datasheet HTML 13Page - Burr-Brown (TI) SRC4382 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
www.ti.com
PIN CONFIGURATION
Top View
TQFP
36
35
34
33
32
31
30
29
28
27
26
25
SYNC
BLS
AESOUT
VDD33
TX+
TX
-
DGND2
GPO4
GPO3
GPO2
GPO1
MCLK
1
2
3
4
5
6
7
8
9
10
11
12
RX1+
RX1
-
RX2+
RX2
-
RX3+
RX3
-
RX4+
RX4
-
VCC
AGND
LOCK
RXCKO
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
SRC4382
NC = No Connection
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
PIN DESCRIPTIONS
NAME
PIN NUMBER
I/O
DESCRIPTION
RX1+
1
Input
Line Receiver 1, Noninverting Input
RX1–
2
Input
Line Receiver 1, Inverting Input
RX2+
3
Input
Line Receiver 2, Noninverting Input
RX2–
4
Input
Line Receiver 2, Inverting Input
RX3+
5
Input
Line Receiver 3, Noninverting Input
RX3–
6
Input
Line Receiver 3, Inverting Input
RX4+
7
Input
Line Receiver 4, Noninverting Input
RX4–
8
Input
Line Receiver 4, Inverting Input
VCC
9
Power
DIR Comparator and PLL Power Supply, +3.3V Nominal
AGND
10
Ground
DIR Comparator and PLL Power-Supply Ground
LOCK
11
Output
DIR PLL Lock Flag (active Low)
RXCKO
12
Output
DIR Recovered Master Clock (tri-state output)
RXCKI
13
Input
DIR Reference Clock
MUTE
14
Input
SRC Output Mute (active High)
RDY
15
Output
SRC Ready Flag (active Low)
DGND1
16
Ground
Digital Core Ground
VDD18
17
Power
Digital Core Supply, +1.8V Nominal
CPM
18
Input
Control Port Mode, 0 = SPI Mode, 1 = I2C Mode
CS or A0
19
Input
Chip Select (active Low) for SPI Mode or Programmable Slave Address for I2C Mode
CCLK or SCL
20
Input
Serial Data Clock for SPI Mode or I2C Mode
CDIN orA1
21
Input
SPI Port Serial Data input or Programmable Slave Address for I2C Mode
CDOUT or SDA
22
I/O
SPI Port Serial Data Output (tri-state output) or Serial Data I/O for I2C Mode
10
Submit Documentation Feedback


Similar Part No. - SRC4382

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4382 TI1-SRC4382 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4382

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com