Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3825-33DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3825-33DBVT
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3825-33DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3825-33DBVT Datasheet HTML 2Page - Texas Instruments TPS3825-33DBVT Datasheet HTML 3Page - Texas Instruments TPS3825-33DBVT Datasheet HTML 4Page - Texas Instruments TPS3825-33DBVT Datasheet HTML 5Page - Texas Instruments TPS3825-33DBVT Datasheet HTML 6Page - Texas Instruments TPS3825-33DBVT Datasheet HTML 7Page - Texas Instruments TPS3825-33DBVT Datasheet HTML 8Page - Texas Instruments TPS3825-33DBVT Datasheet HTML 9Page - Texas Instruments TPS3825-33DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TPS3820xx, TPS3823xx,
TPS3824xx, TPS3825xx,
TPS3828xx
SLVS165G − APRIL 1998 − REVISED JANUARY 2008
www.ti.com
6
ELECTRICAL CHARACTERISTICS (continued)
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH(AV)
Average high-level input current
WDI
WDI = VDD,
time average (dc = 88%)
120
IIL(AV)
Average low-level input current
WDI
WDI = 0.3 V, VDD = 5.5 V
time average (dc = 12%)
−15
WDI
WDI = VDD
140
190
µA
IIH
High-level input current
MR
MR = VDD × 0.7,
VDD = 5.5 V
−40
−60
µA
IIL
Low-level input current
WDI
WDI = 0.3 V, VDD = 5.5 V
140
190
IIL
Low-level input current
MR
MR = 0.3 V, VDD = 5.5 V
−110
−160
TPS382x-25
IOS
Output short-circuit
RESET
TPS382x-30
VDD = VIT, max + 0.2 V,
−400
A
IOS
Output short-circuit
current(1)
RESET
TPS382x-33
VDD = VIT, max + 0.2 V,
VO = 0 V
−400
µA
current
TPS382x-50
VO = 0 V
−800
IDD
Supply current
WDI and MR unconnected,
Outputs unconnected
15
25
µA
Internal pullup resistor at MR
52
k
Ci
Input capacitance at MR, WDI
VI = 0 V to 5.5 V
5
pF
(1) The RESET short-circuit current is the maximum pullup current when RESET is driven low by a µP bidirectional reset pin.
TIMING REQUIREMENTS AT RL = 1 MΩ, CL = 50 PF, TA = 25°C
At RL = 1 MΩ, CL = 50 pF, TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
at VDD
VDD = VIT− + 0.2 V,
VDD = VIT- − 0.2 V
6
µs
tw
Pulse width
at MR
VDD ≥ VIT− + 0.2 V,
VIL = 0.3 x VDD,
VIH = 0.7 x VDD
1
µs
tw
Pulse width
at WDI
VDD ≥ VIT− + 0.2 V,
VIL = 0.3 x VDD,
VIH = 0.7 x VDD
100
ns
SWITCHING CHARACTERISTICS
At RL = 1 MΩ, CL = 50 pF, TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ttout
Watchdog time out
TPS3820
VDD ≥ VIT− + 0.2 V,
112
200
310
ms
ttout
Watchdog time out
TPS3823/4/8
VDD ≥ VIT− + 0.2 V,
See timing diagram
0.9
1.6
2.5
s
td
Delay time
TPS3820
VDD ≥ VIT− +0.2 V,
15
25
37
ms
td
Delay time
TPS3823/4/5/8
VDD ≥ VIT− +0.2 V,
See timing diagram
120
200
300
ms
tPHL
Propagation (delay) time,
high-to-low-level output
MR to RESET delay
(TPS3820/3/5/8)
VDD ≥ VIT− +0.2 V,
VIL = 0.3 x VDD,
VIH = 0.7 x VDD
0.1
µs
tPHL
high-to-low-level output
VDD to RESET delay
VIL = VIT- - 0.2 V,
VIH = VIT- + 0.2 V
25
µs
tPLH
Propagation (delay) time,
low-to-high-level output
MR to RESET delay (TPS3824/5)
VDD ≥ VIT− +0.2 V,
VIL = 0.3 x VDD,
VIH = 0.7 x VDD
0.1
µs
tPLH
low-to-high-level output
VDD to RESET delay (TPS3824/5)
VIL = VIT- - 0.2 V,
VIH = VIT- + 0.2 V
25
µs


Similar Part No. - TPS3825-33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3825-33DBVT TI-TPS3825-33DBVT Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-33DBVT TI-TPS3825-33DBVT Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-33DBVT TI1-TPS3825-33DBVT Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
TPS3825-33DBVT TI1-TPS3825-33DBVT Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
TPS3825-33DBVT TI1-TPS3825-33DBVT Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS3825-33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com