Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24010 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ24010
Description  SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24010 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24010_07 Datasheet HTML 5Page - Texas Instruments BQ24010_07 Datasheet HTML 6Page - Texas Instruments BQ24010_07 Datasheet HTML 7Page - Texas Instruments BQ24010_07 Datasheet HTML 8Page - Texas Instruments BQ24010_07 Datasheet HTML 9Page - Texas Instruments BQ24010_07 Datasheet HTML 10Page - Texas Instruments BQ24010_07 Datasheet HTML 11Page - Texas Instruments BQ24010_07 Datasheet HTML 12Page - Texas Instruments BQ24010_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
DC +
1
2
3
4
10
9
8
5
IN
VCC
OUT
VSS
STAT1
STAT2
7
6
BAT
TS
PG
ISET
bq24010DRC
+
BATTERY
PACK
PACK+
PACK
RT1
RT2
VCC
CHARGE
DONE
POWERGOOD
0.1
F
m
R
SET
DC-
0.47
F
m
USBPORT
D+
D-
VBUS
GND
0.47 F
m
1
2
3
4
5
10
9
8
7
6
IN
VCC
STAT1
STAT2
VSS
OUT
BAT
TTE
CE
ISET
0.1 F
m
2.26kW
9.09kW
PACK-
PACK+
BATTERY
PACK
+
SYSTEM
and
USB
CONTROLLER
100mA /500mA
SI1032x
bq24013DRC
bq24018DRC
bq24010, bq24012
bq24013, bq24014, bq24018
SLUS530H – SEPTEMBER 2002 – REVISED JUNE 2007
The bqTINY™ supports a precision Li-Ion, Li-Pol charging system suitable for single-cells. Figure 2 shows a
typical charge profile, application circuit and Figure 5 shows an operational flow chart.
Figure 3. Typical Application Circuit
Figure 4. USB Charger Circuit
9
Submit Documentation Feedback


Similar Part No. - BQ24010_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24010DRC TI-BQ24010DRC Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24010DRCR TI-BQ24010DRCR Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24010DRCR TI1-BQ24010DRCR Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24010DRCRG4 TI-BQ24010DRCRG4 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24010DRCRG4 TI1-BQ24010DRCRG4 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
More results

Similar Description - BQ24010_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24013 TI-BQ24013 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com