Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24014 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24014
Description  SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24014 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24014 Datasheet HTML 2Page - Texas Instruments BQ24014 Datasheet HTML 3Page - Texas Instruments BQ24014 Datasheet HTML 4Page - Texas Instruments BQ24014 Datasheet HTML 5Page - Texas Instruments BQ24014 Datasheet HTML 6Page - Texas Instruments BQ24014 Datasheet HTML 7Page - Texas Instruments BQ24014 Datasheet HTML 8Page - Texas Instruments BQ24014 Datasheet HTML 9Page - Texas Instruments BQ24014 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
bq24010, bq24012
bq24013, bq24014, bq24018
SLUS530H – SEPTEMBER 2002 – REVISED JUNE 2007
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS
TERMINAL
bq24013
I/O
DESCRIPTION
NAME
bq24010
bq24012
and
bq24014
bq24018(1)
BAT
9
9
9
9
I
Battery voltage sense input
CE
8
7
7
I
Charge enable input (active low)
IN
1
1
1
1
I
Charge input voltage. This input must be tied to the VCC pin.
ISET
6
6
6
6
O
Charge current set point
OUT
10
10
10
10
O
Charge current output
PG
7
7
O
Power good status output (open collector)
STAT1
3
3
3
3
O
Charge status output 1 (open collector)
STAT2
4
4
4
4
O
Charge status output 2 (open collector)
TTE
8
I
Timer and termination enable input (active low)
TS
8
8
I
Temperature sense input
VCC
2
2
2
2
I
VCC supply input
VSS
5
5
5
5
Ground input
There is an internal electrical connection between the exposed
thermal pad and VSS pin of the device. The exposed thermal pad
Exposed
must be connected to the same potential as the Vss pin on the
Thermal
Pad
Pad
Pad
Pad
printed circuit board. Do not use the thermal pad as the primary
PAD
ground input for the device. VSS pin must be connected to ground
at all times.
(1)
The bq24018 is in product preview status.
6
Submit Documentation Feedback


Similar Part No. - BQ24014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24014 TI-BQ24014 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24014 TI1-BQ24014 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24014DRC TI-BQ24014DRC Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24014DRCR TI-BQ24014DRCR Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24014DRCR TI1-BQ24014DRCR Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
More results

Similar Description - BQ24014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24013 TI-BQ24013 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com