Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24013DRCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24013DRCR
Description  SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24013DRCR Datasheet(HTML) 2 Page - Texas Instruments

  BQ24013DRCR Datasheet HTML 1Page - Texas Instruments BQ24013DRCR Datasheet HTML 2Page - Texas Instruments BQ24013DRCR Datasheet HTML 3Page - Texas Instruments BQ24013DRCR Datasheet HTML 4Page - Texas Instruments BQ24013DRCR Datasheet HTML 5Page - Texas Instruments BQ24013DRCR Datasheet HTML 6Page - Texas Instruments BQ24013DRCR Datasheet HTML 7Page - Texas Instruments BQ24013DRCR Datasheet HTML 8Page - Texas Instruments BQ24013DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
bq24010, bq24012
bq24013, bq24014, bq24018
SLUS530H – SEPTEMBER 2002 – REVISED JUNE 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
CHARGE REGULATION
OPTIONAL
TA
PART NUMBER(2)(3)
MARKINGS
VOLTAGE (V)(1)
FUNCTIONS(1)
4.2
PG and TS
bq24010DRCR
AZN
4.2
PG and CE
bq24012DRCR
AZR
4.2
CE and TTE
bq24013DRCR
AZO
–40
°C to 125°C
bq24014DRCR
4.2
CE and TS
AZR
bq24014DRCT
bq24018DRCR
4.36
CE and TTE
BZH
bq24018DRCT
(1)
Contact Texas Instruments for other options.
(2)
The DRC package is available only taped and reeled. Quantities are 3,000 devices per reel (e.g. bq24010DRCR) and 250 devices per
mini-reel (e.g. bq24014DRCT).
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
VALUE
UNIT
Supply voltage range, (VCC all with respect to VSS)
–0.3 to 18
V
IN, STAT1, STAT2, TS, PG, CE, TTE
–0.3 to VCC
V
Input voltage range(2)
BAT, OUT, ISET
–0.3 to 7
VDC
Voltage difference between VCC and IN inputs VCC – VIN
±0.5
V
Output sink/source current
STAT1, STAT2, PG
15
Output current
IN, OUT
1.5
TA
Operating free-air temperature range
–40 to 125
°C
TJ
Junction temperature range
Tstg
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are DC and with respect to VSS.
TA < 40°C
DERATING FACTOR
PACKAGE
θJA
POWER RATING
ABOVE TA = 40°C
DRC(1)
47
°C/W
1.5 W
0.021 W/
°C1
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a copper pad on the board. This is
connected to the ground plane by a 2x3 via matrix.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage(1)
3
16.5
V
VIN
Input voltage(1)
3
16.5
V
TJ
Operating junction temperature range
–40
125
°C
(1)
Pins VCC and IN must be tied together.
2
Submit Documentation Feedback


Similar Part No. - BQ24013DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24013DRCR TI-BQ24013DRCR Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24013DRCR TI1-BQ24013DRCR Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24013DRCRG4 TI-BQ24013DRCRG4 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24013DRCRG4 TI1-BQ24013DRCRG4 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
More results

Similar Description - BQ24013DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24013 TI-BQ24013 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com