Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1A-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # UF1A-T3
Description  1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF1A-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  UF1A-T3 Datasheet HTML 1Page - Won-Top Electronics UF1A-T3 Datasheet HTML 2Page - Won-Top Electronics UF1A-T3 Datasheet HTML 3Page - Won-Top Electronics UF1A-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UF1A – UF1K
2 of 4
© 2006 Won-Top Electronics
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 100 C
j
°
T = 25 C
j
°
0.01
0.1
1.0
10
0
0.4
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T - 25 C
j
°
Pulse Width = 300 s
µ
1.2
1.6
2.0
UF1A - UF1D
UF1G
UF1J - UF1K
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Forward Surge Current Derating Curve
Single Half Sine-Wave
(JEDEC Method)
T = 150 C
j
°
0
0.5
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE
( C)
Fig. 1 Forward Current Derating Curve
L
°


Similar Part No. - UF1A-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1A-T3 WTE-UF1A-T3 Datasheet
50Kb / 3P
   1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - UF1A-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
EGF1A ZSELEC-EGF1A Datasheet
150Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
US1A WTE-US1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
EGP10A ZSELEC-EGP10A Datasheet
117Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
HER101G ZSELEC-HER101G Datasheet
119Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
1H1G ZSELEC-1H1G Datasheet
134Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
HER101G WTE-HER101G Datasheet
57Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
UF4001G WTE-UF4001G Datasheet
56Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
UF100G ZSELEC-UF100G Datasheet
89Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
DSR0.3A ZSELEC-DSR0.3A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com