Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR912FAW44X6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STR912FAW44X6
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR912FAW44X6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STR912FAW44X6 Datasheet HTML 4Page - STMicroelectronics STR912FAW44X6 Datasheet HTML 5Page - STMicroelectronics STR912FAW44X6 Datasheet HTML 6Page - STMicroelectronics STR912FAW44X6 Datasheet HTML 7Page - STMicroelectronics STR912FAW44X6 Datasheet HTML 8Page - STMicroelectronics STR912FAW44X6 Datasheet HTML 9Page - STMicroelectronics STR912FAW44X6 Datasheet HTML 10Page - STMicroelectronics STR912FAW44X6 Datasheet HTML 11Page - STMicroelectronics STR912FAW44X6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
Functional overview
STR91xFA
8/78
2.4.2
Branch Cache (BC)
When instruction addresses are not sequential, such as a program branch situation, the PFQ
would have to flush and reload which would cause the CPU to stall if no BC were present.
Before reloading, the PFQ checks the BC to see if it contains the desired target branch
address. The BC contains up to fifteen of the most recently taken branch addresses and the
first eight instructions associated with each of these branches. This check is extremely fast,
checking all fifteen BC entries simultaneously for a branch address match (cache hit). If there is
a hit, the BC rapidly supplies the instruction and reduces the CPU stall. This gives the PFQ time
to start pre-fetching again while the CPU consumes these eight instructions from the BC. The
advantage here is that program loops (very common with embedded control applications) run
very fast if the address of the loops are contained in the BC.
In addition, there is a 16th branch cache entry that is dedicated to the Vectored Interrupt
Controller (VIC) to further reduce interrupt latency by eliminating the stall latency typically
imposed by fetching the instruction that reads the interrupt vector address from the VIC.
2.4.3
Management of literals
Typical ARM architecture and compilers do not place literals (data constants) sequentially in
Flash memory with the instructions that use them, but instead the literals are placed at some
other address which looks like a program branch from the PFQ’s point of view. The STR91xFA
implementation of the ARM966E-S core has special circuitry to prevent flushing the PFQ when
literals are encountered in program flow to keep performance at a maximum.


Similar Part No. - STR912FAW44X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR912FAW44X6 STMICROELECTRONICS-STR912FAW44X6 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR912FAW44X6T STMICROELECTRONICS-STR912FAW44X6T Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
More results

Similar Description - STR912FAW44X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91XF STMICROELECTRONICS-STR91XF Datasheet
1Mb / 72P
   ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
STR91XFAX3X STMICROELECTRONICS-STR91XFAX3X Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFAX32 STMICROELECTRONICS-STR91XFAX32 Datasheet
1Mb / 99P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XF STMICROELECTRONICS-STR91XF_07 Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com