Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4534 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4534
Description  16Bit CODEC with MIC/HP/SPK-AMP
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4534 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4534 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4534 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
ASAHI KASEI
[AK4534]
MS0133-E-03
2003/5
- 6 -
ABSOLUTE MAXIMUM RATINGS
(AVSS, DVSS, PVSS, HVSS=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
Digital
PLL
Headphone-Amp / Speaker-Amp
|AVSS – PVSS|
(Note 2)
|AVSS – DVSS|
(Note 2)
|AVSS – HVSS|
(Note 2)
AVDD
DVDD
PVDD
HVDD
∆GND1
∆GND2
∆GND3
−0.3
−0.3
−0.3
−0.3
-
-
-
4.6
4.6
4.6
4.6
0.3
0.3
0.3
V
V
V
V
V
V
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage
VINA
−0.3
AVDD+0.3
V
Digital Input Voltage
VIND
−0.3
DVDD+0.3
V
Ambient Temperature (powered applied)
Ta
−10
70
°C
Storage Temperature
Tstg
−65
150
°C
Note 1. All voltages with respect to ground.
Note 2. AVSS, DVSS, PVSS and HVSS must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AVSS, DVSS, PVSS, HVSS=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supplies
(Note 3)
Analog
Digital
PLL
HP / SPK-Amp
AVDD
DVDD
PVDD
HVDD
2.4
2.4
2.4
2.4
3.3
3.3
3.3
3.3
3.6
AVDD
AVDD
AVDD
V
V
V
V
Note 1. All voltages with respect to ground.
Note 3. The power up sequence between AVDD, DVDD, HVDD and PVDD is not critical.
It is recommended that DVDD and PVDD are the same voltage as AVDD in order to reduce the current at power
down mode.
* AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4534

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4532 AKM-AK4532 Datasheet
345Kb / 17P
   Internet/Network/General Purpose Multimedia Audio CODEC
AK4532 AKM-AK4532_04 Datasheet
244Kb / 17P
   Internet/Network/General Purpose Multimedia Audio CODEC
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4536VN AKM-AK4536VN Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results

Similar Description - AK4534

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com