Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4117-B Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4117-B
Description  AK4117 Evaluation Board Rev.0
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4117-B Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4117-B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4117-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4117-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4117-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4117-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4117-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4117-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4117-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4117-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ASAHI KASEI
[AKD4117-B]
<KM077200>
2004/12
- 4 -
c.
Set-up of Audio format
Please set up DIF2-0 bit.
LRCK
Mode
DIF2
bit
DIF1
bit
DIF0
bit
DAUX
SDTO
I/O
0
0
0
0
24bit, Left justified
16bit, Right justified
H/L
O
1
0
0
1
24bit, Left justified
18bit, Right justified
H/L
O
2
0
1
0
24bit, Left justified
20bit, Right justified
H/L
O
3
0
1
1
24bit, Left justified
24bit, Right justified
H/L
O
4
1
0
0
24bit, Left justified
24bit, Left justified
H/L
O
Default
5
1
0
1
24bit, I
2S
24bit, I
2S
L/H
O
6
1
1
0
7
1
1
1
Reserved
Table 6. Audio format
d.
Set-up of CM1 and CM0
The operation mode of PLL is selected by CM1 and CM0. It can be selected by CM1-0 bits.
CM1 bit
CM0 bit
(UNLOCK)
PLL
X'tal
Clock source
SDTO
source
0
0
-
ON
ON(Note 1)
PLL(RX)
RX
Default
0
1
-
OFF
ON
X'tal
DAUX
0
ON
ON
PLL(RX)
RX
1
0
1
ON
ON
X'tal
DAUX
1
1
-
ON
ON
X'tal
DAUX
ON: Oscillation (Power-up), OFF: STOP (Power-Down)
Note: When the X’tal is not used as clock comparison for fs detection (XTL0, 1= “1,1”), the X’tal is OFF.
Table 7. Clock Operation Mode Select


Similar Part No. - AKD4117-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4117 AKM-AKD4117 Datasheet
212Kb / 20P
   AK4117 Evaluation Board Rev.0
More results

Similar Description - AKD4117-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4117 AKM-AKD4117 Datasheet
212Kb / 20P
   AK4117 Evaluation Board Rev.0
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
AKD5367A-A AKM-AKD5367A-A Datasheet
1Mb / 38P
   AK5367A Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com