Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C55A Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK93C55A
Description  1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C55A Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK93C55A Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C55A Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C55A Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C55A Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C55A Datasheet HTML 10Page - Asahi Kasei Microsystems AK93C55A Datasheet HTML 11Page - Asahi Kasei Microsystems AK93C55A Datasheet HTML 12Page - Asahi Kasei Microsystems AK93C55A Datasheet HTML 13Page - Asahi Kasei Microsystems AK93C55A Datasheet HTML 14Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ASAHI KASEI
[AK93C45A/55A/65A/75A]
DAM01E-02
2002/06
- 11 -
(2) A.C. ELECTRICAL CHARACTERISTICS
( 1.8V
≤ VCC ≤ 5.5V, -40°C ≤ Ta ≤ 85°C, unless otherwise specified )
Paremeter
Symbol
Condition
Min.
Max.
Unit
tSKP1
4.5V
≤ VCC ≤ 5.5V
1.0
µs
SK Cycle Time
tSKP2
2.0V
≤ VCC < 4.5V
2.0
µs
tSKP3
1.8V
≤ VCC < 2.0V
4.0
µs
tSKW1
4.5V
≤ VCC ≤ 5.5V
500
ns
SK Pulse Width
tSKW2
2.0V
≤ VCC < 4.5V
1.0
µs
tSKW3
1.8V
≤ VCC < 2.0V
2.0
µs
CS Setup Time
tCSS
100
ns
CS Hold Time
tCSH
0
ns
Data Setup Time
tDIS
200
ns
Data Hold Time
tDIH
200
ns
tPD1
4.5V
≤ VCC ≤ 5.5V
500
ns
Output delay
*6
tPD2
2.0V
≤ VCC < 4.5V
1.0
µs
tPD3
1.8V
≤ VCC < 2.0V
2.0
µs
tE/W1
93C45A/55A/65A
10
ms
Selftimed
Programming Time
tE/W2
93C75A
4.5V
≤ VCC ≤ 5.5V
8ms
tE/W3
1.8V
≤ VCC < 4.5V
10
ms
Min CS Low Time
tCS
250
ns
CS to Status Valid
tSV
CL=100pF
500
ns
tOZ1
2.0V
≤ VCC ≤ 5.5V
100
ns
CS to Output High-Z
tOZ2
1.8V
≤ VCC < 2.0V
250
ns
*6 : CL=100pF


Similar Part No. - AK93C55A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C55B AKM-AK93C55B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C55B AKM-AK93C55B Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C55BH AKM-AK93C55BH Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C55BH AKM-AK93C55BH Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C55BL AKM-AK93C55BL Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C55A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com