Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C65A Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK93C65A
Description  1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C65A Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK93C65A Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C65A Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C65A Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C65A Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C65A Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C65A Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C65A Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C65A Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C65A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ASAHI KASEI
[AK93C45A/55A/65A/75A]
DAM01E-02
2002/06
- 3 -
Pin Arrangement
(note) AK93C45A/75A・・NC, AK93C55A/65A・・PE
Pin Name
Function
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
PE
Program Enable
VCC
Power Supply
NC
Not Connected
(note) The PE is internally pulled up to VCC ( R = typ.2.5M
Ω, VCC=5V ).
AK93C45AV/55AV/65AV/75AV
8pin TSSOP
CS
SK
DI
DO
VCC
NC/PE(note)
GND
1
2
3
4
8
7
6
5
NC
AK93C45AF/55AF/65AF
8pin SOP
SK
CS
NC/PE(note)
VCC
2
1
3
4
NC
7
8
6
5DI
DO
GND


Similar Part No. - AK93C65A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C65B AKM-AK93C65B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C65B AKM-AK93C65B Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C65BH AKM-AK93C65BH Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C65BH AKM-AK93C65BH Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C65BL AKM-AK93C65BL Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C65A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com