Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C85A Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK93C85A
Description  16K / 32K / 64Kbit Serial CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C85A Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK93C85A Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C85A Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C85A Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C85A Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C85A Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C85A Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C85A Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C85A Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C85A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ASAHI KASEI
[AK93C85A/95A/10A]
DAM02E-03
2004/05
- 2 -
General Description
The AK93C85A/95A/10A is a 16384/32768/65536-bit serial CMOS EEPROM divided into
1024/2048/4096 registers of 16 bits each.
The AK93C85A/95A/10A has 4 instructions such as
READ, WRITE, EWEN and EWDS.
Those instructions control the AK93C85A/95A/10A.
The AK93C85A/95A/10A can operate full function under wide operating voltage range from 1.8V to
5.5V.
The charge up circuit is integrated for high voltage generation that is used for write
operation.
A serial interface of AK93C85A/95A/10A, consisting of chip select (CS), serial clock (SK), data-in
(DI) and data-out (DO), can easily be controlled by popular microcontrollers or standard
microprocessors.
AK93C85A/95A/10A takes in the write data from data input pin (DI) to a register
synchronously with rising edge of input pulse of serial clock pin (SK).
And at read operation,
AK93C85A/95A/10A takes out the read data from a register to data output pin (DO) synchronously
with rising edge of SK.
The DO pin is usually in high impedance state.
The DO pin outputs "L" or "H" in case of data
output or Busy/Ready signal output.
Software controlled write protection
When VCC is applied to the part, the part automatically powers up in the ERASE/WRITE Disable
state.
In the ERASE/WRITE disable state, execution of WRITE instruction is disabled.
Before
WRITE instruction is executed, EWEN instruction must be executed.
The ERASE/WRITE enable
state continues until EWDS instruction is executed or VCC is removed from the part.
Execution of a read instruction is independent of both EWEN and EWDS instructions.
Busy/Ready status signal
After a write instruction, the DO output serves as a Busy/Ready status indicator.
After the falling
edge of the CS initiates the self-timed programming cycle, the DO indicates the Busy/Ready status
of the chip if the CS is brought high after a minimum of 250ns (tCS).
DO=logical "0" indicates that
programming is still in progress.
DO=logical "1" indicates that the register at the address specified
in the instruction has been written with the new data pattern contained in the instruction and the part
is ready for a next instruction.
The Busy/Ready status indicator is only valid when CS is active (high).
When CS is low, the DO
output goes into a high impedance state.
The Busy/Ready signal outputs until a start bit (Logic"1") of the next instruction is given to the part.
Type of Products
Model
Memory size
Temp. Range
VCC
Package
AK93C85AM
16K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SSOP
AK93C95AF
32K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SOP
AK93C10AF
64K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SOP


Similar Part No. - AK93C85A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
AK93C85AF AKM-AK93C85AF Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
AK93C85AM AKM-AK93C85AM Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
More results

Similar Description - AK93C85A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16_14 Datasheet
2Mb / 12P
   CMOS 16K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com