Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C95AF Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK93C95AF
Description  16K / 32K / 64Kbit Serial CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C95AF Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK93C95AF Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C95AF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ASAHI KASEI
[AK93C85A/95A/10A]
DAM02E-03
2004/05
- 4 -
Functional Description
The AK93C85A/95A/10A has 4 instructions such as READ, WRITE, EWEN and EWDS.
A valid
instruction consists of a Start Bit (Logic"1"), the appropriate Op Code and the desired memory
Address location.
The CS pin must be brought low for a minimum of 250ns (tCS) between each instruction when the
instruction is continuously executed.
Instructi
on
Start
Bit
Op
Code
Address
Data
Comments
READ
01
10
A9-A0
D15-D0
Reads data stored in memory, at specified address.
WRITE
01
01
A9-A0
D15-D0
Writes register.
EWEN
01
00
11XXXXXXXX
Write enable must precede all programming modes.
EWDS
01
00
00XXXXXXXX
Disables all programming instructions.
WRAL
01
00
01XXXXXXXX
D15-D0
Writes all registers.
X: Don't care
table1. Instruction Set for the AK93C85A
Instructi
on
Start
Bit
Op
Code
Address
Data
Comments
READ
1
10
A10-A0
D15-D0
Reads data stored in memory, at specified address.
WRITE
1
01
A10-A0
D15-D0
Writes register.
EWEN
1
00
11XXXXXXXXX
Write enable must precede all programming modes.
EWDS
1
00
00XXXXXXXXX
Disables all programming instructions.
WRAL
1
00
01XXXXXXXXX
D15-D0
Writes all registers.
X: Don't care
table2. Instruction Set for the AK93C95A
Instructi
on
Start
Bit
Op
Code
Address
Data
Comments
READ
1
10
A11-A0
D15-D0
Reads data stored in memory, at specified address.
WRITE
1
01
A11-A0
D15-D0
Writes register.
EWEN
1
00
11XXXXXXXXXX
Write enable must precede all programming modes.
EWDS
1
00
00XXXXXXXXXX
Disables all programming instructions.
WRAL
1
00
01XXXXXXXXXX
D15-D0
Writes all registers.
X: Don't care
table3. Instruction Set for the AK93C10A
(Note)
The WRAL instruction are used for factory function test only.
User can't use the WRAL instruction.
The AK93C85A perceives the start bit in the logic"01" and also "001".
The AK93C95A/10A perceives the start bit in the logic"1" and also "01".


Similar Part No. - AK93C95AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C95AF AKM-AK93C95AF Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
More results

Similar Description - AK93C95AF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16_14 Datasheet
2Mb / 12P
   CMOS 16K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com