Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C55B Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK93C55B
Description  1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C55B Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK93C55B Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 10Page - Asahi Kasei Microsystems AK93C55B Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ASAHI KASEI
[AK93C45B/55B/65B/75B]
DAM04E-02
2003/05
- 7 -
EWEN / EWDS
When VCC is applied to the part, the part automatically powers up in the ERASE/WRITE Disable
state. In the ERASE/WRITE disable state, execution of WRITE instruction is disable. Before
WRITE instruction is executed, EWEN instruction must be executed. The ERASE/WRITE enable
state continues until EWDS instruction is executed or VCC is removed from the part.
Execution of a read instruction is independent of both EWEN and EWDS instructions.
EWEN / EWDS (AK93C45B)
EWEN / EWDS (AK93C55B/65B)
EWEN / EWDS (AK93C75B)
AK93C55B/65B output a logic "1" (Ready status),
if previous instruction is WRITE.
Start bit
Hi-Z
X: Don't care
EWDS=00
0
CS
SK
DI
DO
1
2
3
4
5
10
11
0
0
1
0
6
7
X
X
X
X
EWEN=11
X
X
8
9
AK93C75B output a logic "1" (Ready status),
if previous instruction is WRITE.
Start bit
Hi-Z
X: Don't care
EWDS=00
0
CS
SK
DI
DO
1
2
3
4
5
12
13
0
0
1
0
6
7
X
X
X
X
EWEN=11
X
X
8
9
X
X
10
11
AK93C45B output a logic "1" (Ready status),
if previous instruction is WRITE.
Start bit
Hi-Z
X: Don't care
EWDS=00
0
CS
SK
DI
DO
1
2
3
4
5
8
9
0
0
1
0
6
7
X
X
X
X
EWEN=11


Similar Part No. - AK93C55B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C55B AKM-AK93C55B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C55BH AKM-AK93C55BH Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
More results

Similar Description - AK93C55B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com