Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6514C Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK6514C
Description  SPI bus 64Kbit Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6514C Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK6514C Datasheet HTML 1Page - Asahi Kasei Microsystems AK6514C Datasheet HTML 2Page - Asahi Kasei Microsystems AK6514C Datasheet HTML 3Page - Asahi Kasei Microsystems AK6514C Datasheet HTML 4Page - Asahi Kasei Microsystems AK6514C Datasheet HTML 5Page - Asahi Kasei Microsystems AK6514C Datasheet HTML 6Page - Asahi Kasei Microsystems AK6514C Datasheet HTML 7Page - Asahi Kasei Microsystems AK6514C Datasheet HTML 8Page - Asahi Kasei Microsystems AK6514C Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ASAHI KASEI
[AK6514C]
DAP04E-00
2005/03
- 5 -
Pin Description
CS (Chip Select Input)
When CS changes high level to low level, the AK6514C can receive the instructions.
CS should be kept low level while receiving op-code, address and data, and while outputting
data.
When CS is high level, SO indicate Hi-Z.
SCK (Serial Clock Input)
The SCK clock pin is the synchronous clock input for input/output data.
SI (Serial Data Input)
The op-code, address, and data are written to the SI pin.
SO (Serial Data Output)
The SO pin outputs the data from memory array and status register.
WP (Write Protect Input)
The WP pin controls the write function to the status register.
When the WPEN bit in the status register is "0", the function of WP pin becomes disable.
Then the status register can be programmable when the WEN bit in the status register is "1".
And it does not depend on the status of WP pin.
When the WPEN bit is "1", the function of WP is enabled.
Then the status register can not
be programmable when the WEN bit is "1" and the status of WP pin is low.
When the WPEN bit is "1", WP pin is high and WEN bit is "1", AK6514C can accept the
WRITE instruction to the status registers.
During the instruction input, WP pin should keep high or low level.
HOLD (Hold Input)
The HOLD pin can hold the data transfer.
When the HOLD pin changes hi to low while the
SCK is low, the data transfer is held.
And the transfer starts when the HOLD pin changes
low to high while the SCK is low.
While the holding the data transfer, AK6514C ignores the
clock signal on SCK pin.


Similar Part No. - AK6514C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6514CF AKM-AK6514CF Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6514CN AKM-AK6514CN Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
More results

Similar Description - AK6514C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
AK6516C AKM-AK6516C Datasheet
129Kb / 17P
   SPI bus 256Kbit Serial CMOS EEPROM
logo
Rohm
BR25L640-W ROHM-BR25L640-W Datasheet
288Kb / 6P
   SPI BUS 64Kbit (8,192 x 8bit) EEPROM
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com