Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C65BH Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK93C65BH
Description  1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C65BH Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK93C65BH Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C65BH Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C65BH Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C65BH Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C65BH Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C65BH Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C65BH Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C65BH Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C65BH Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ASAHI KASEI
[AK93C45B/55B/65B/75B]
DAM04E-02
2003/05
- 2 -
General Description
The AK93C45B/55B/65B/75B is a 1024/2048/4096/8192-bit serial CMOS EEPROM divided into
64/128/256/512 registers of 16 bits each. The AK93C45B/55B/65B/75B has 4 instructions such as
READ, WRITE, EWEN and EWDS. Those instructions control the AK93C45B/55B/65B/75B.
The AK93C45B/55B/65B/75B can operate full function under wide operating voltage range from
1.8V to 5.5V. The charge up circuit is integrated for high voltage generation that is used for write
operation.
A serial interface of AK93C45B/55B/65B/75B, consisting of chip select (CS), serial clock (SK),
data-in (DI) and data-out (DO), can easily be controlled by popular microcontrollers or standard
microprocessors. AK93C45B/55B/65B/75B takes in the write data from data input pin (DI) to a
register synchronously with rising edge of input pulse of serial clock pin (SK).
And at read
operation, AK93C45B/55B/65B/75B takes out the read data from a register to data output pin (DO)
synchronously with rising edge of SK.
The DO pin is usually in high impedance state. The DO pin outputs "L" or "H" in case of data
output or Busy/Ready signal output.
Software and Hardware controlled write protection
When VCC is applied to the part, the part automatically powers up in the ERASE/WRITE Disable
state. In the ERASE/WRITE disable state, execution of WRITE instruction is disabled. Before
WRITE instruction is executed, EWEN instruction must be executed. The ERASE/WRITE enable
state continues until EWDS instruction is executed or VCC is removed from the part.
Execution of a read instruction is independent of both EWEN and EWDS instructions.
The PE is internally pulled up to VCC. If the PE is left unconnected, the part will accept WRITE,
EWEN and EWDS instructions. ・・AK93C55B/65B/75B
Busy/Ready status signal
After a write instruction, the DO output serves as a Busy/Ready status indicator. After the falling
edge of the CS initiates the self-timed programming cycle, the DO indicates the Busy/Ready status
of the chip if the CS is brought high after a minimum of 250ns (Tcs). DO=logical "0" indicates that
programming is still in progress. DO=logical "1" indicates that the register at the address specified
in the instruction has been written with the new data pattern contained in the instruction and the part
is ready for a next instruction.
The Busy/Ready status indicator is only valid when CS is active (high). When CS is low, the DO
output goes into a high impedance state.
The Busy/Ready signal outputs until a start bit (Logic"1") of the next instruction is given to the part.
Type of Products
Model
Memory size
Temp. Range
VCC
Package
AK93C45BH
-40°C to +85°C
1.8V to 5.5V
8pin Plastic MSOP
AK93C45BL
1K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SON
AK93C55BH
-40°C to +85°C
1.8V to 5.5V
8pin Plastic MSOP
AK93C55BL
2K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SON
AK93C65BH
-40°C to +85°C
1.8V to 5.5V
8pin Plastic MSOP
AK93C65BL
4K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SON
AK93C75BH
8K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic MSOP


Similar Part No. - AK93C65BH

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C65BH AKM-AK93C65BH Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
More results

Similar Description - AK93C65BH

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com