Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK93C65CU Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK93C65CU
Description  1K/2K/4Kbit Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK93C65CU Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK93C65CU Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C65CU Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C65CU Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C65CU Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C65CU Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C65CU Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C65CU Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C65CU Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C65CU Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ASAHI KASEI
[AK93C45C/55C/65C]
DAM06E-01
2005/10
- 2 -
General Description
The AK93C45C/55C/65C is a 1024/2048/4096-bit serial CMOS EEPROM divided into 64/128/256
registers of 16 bits each.
The AK93C45C/55C/65C has 6 instructions such as READ, WRITE,
PAGE WRITE, EWEN, EWDS and WRAL.
Those instructions control the AK93C45C/55C/65C.
The AK93C45C/55C/65C can operate full function under wide operating voltage range.
The
charge up circuit is integrated for high voltage generation that is used for write operation.
A serial interface of AK93C45C/55C/65C, consisting of chip select (CS), serial clock (SK), data-in
(DI) and data-out (DO), can easily be controlled by popular microcontrollers or standard
microprocessors.
AK93C45C/55C/65C takes in the write data from data input pin (DI) to a register
synchronously with rising edge of input pulse of serial clock pin (SK).
And at read operation,
AK93C45C/55C/65C takes out the read data from a register to data output pin (DO) synchronously
with rising edge of SK.
The DO pin is usually in high impedance state.
The DO pin outputs "L" or "H" in case of data
output or Busy/Ready signal output.
Software controlled write protection
When VCC is applied to the part, the part automatically powers up in the ERASE/WRITE Disable
state.
In the ERASE/WRITE disable state, execution of WRITE, PAGE WRITE, WRAL instruction
is disabled.
Before WRITE, PAGE WRITE, WRAL instruction is executed, EWEN instruction must
be executed.
The ERASE/WRITE enable state continues until EWDS instruction is executed or
VCC is removed from the part.
Execution of a read instruction is independent of both EWEN and EWDS instructions.
The PE is internally pulled up to VCC. If the PE is left unconnected, the part will accept WRITE,
PAGE WRITE, WRAL, EWEN and EWDS instructions.
Busy/Ready status signal
After a WRITE, PAGE WRITE, WRAL instruction, the DO output serves as a Busy/Ready status
indicator.
After the falling edge of the CS initiates the self-timed programming cycle, the DO
indicates the Busy/Ready status of the chip if the CS is brought high after a minimum of ‘tCS’.
DO=logical "0" indicates that programming is still in progress.
DO=logical "1" indicates that the
register at the address specified in the instruction has been written with the new data pattern
contained in the instruction and the part is ready for a next instruction.
The Busy/Ready status indicator is only valid when CS is active (high).
When CS is low, the DO
output goes into a high impedance state.
The Busy/Ready signal outputs until a start bit (Logic"1") of the next instruction is given to the part.


Similar Part No. - AK93C65CU

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C65C AKM-AK93C65C Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C65C AKM-AK93C65C Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
More results

Similar Description - AK93C65CU

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
logo
Catalyst Semiconductor
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com