Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4561VQ Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4561VQ
Description  16bit CODEC with built-in ALC and MIC/HP-Amp
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4561VQ Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4561VQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK4561VQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK4561VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4561VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4561VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4561VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4561VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4561VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4561VQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
ASAHI KASEI
AKM CONFIDENTIAL
[AK4561]
Rev. 0.9
2000/09
- 4 -
PIN/FUNCTION
No. Pin Name
I/O
Function
Power Supply
17
VREF
O
ADC, DAC Reference Level, 0.5 x VA
18
VCOM
O
Common Voltage Output Pin, 0.5 x VA
19
AGND
-
Analog Ground Pin
20
VA
-
Analog Power Supply Pin, +2.8V
28
VD
-
Digital Power Supply Pin, +2.8V
29
DGND
-
Digital Ground Pin
30
VT
-
Digital I/F Power Supply Pin, +2.8V
37
VCOM_H
O
LINEOUT Common Voltage Output Pin, 0.5 x HVDD
42
HVDD
-
LINEOUT Power Supply Pin, +4.5V
52
MPWR
O
MIC Power Supply Pin, +2.0V, Idd=3mA(max)
55
MRF
O
MIC Power Supply Ripple Filter Pin
56
MVCM
O
MIC Block Common Voltage Output Pin, 0.5 X MVDD
57
MVSS
-
MIC Block Ground Pin
58
MVDD
-
MIC Block Power Supply Pin
Operation Clock
22
BCLK
I
Audio Serial Data Clock Pin
23
LRCK
I
Input/Output Channel Clock Pin
24
MCLK
I
Master Clock Input Pin
25
SDTI
I
Audio Serial Data Input Pin
26
SDTO
O
Audio Serial Data Output Pin
MIC Block
1
INV_O_R
O
Rch Inverter-Amp Output Pin
2
EQ_N_L
I
Lch EQ-Amp Negative Input Pin
3
EQ_O_L
O
Lch EQ-Amp Output Pin
4
HPF_P1_L
I
Lch HPF-Amp Positive #1 Input Pin
5
HPF_P2_L
I
Lch HPF-Amp Positive #2 Input Pin
6
HPF_O_L
O
Lch HPF Output Pin
44
HPF_O_R
O
Rch HPF Output Pin
45
HPF_P2_L
I
Lch HPF-Amp Positive #2 Input Pin
46
HPF_P1_L
I
Lch HPF-Amp Positive #1 Input Pin
47
EQ_O_R
O
Rch EQ-Amp Output Pin
48
EQ_N_R
I
Rch EQ-Amp Negative Input Pin
49
INV_O_L
O
Lch Inverter-Amp Output Pin
50
PRE_O_R
O
Rch Pre-Amp Output Pin
51
PRE_N_R
I
Rch Pre-Amp Negative Input Pin
53
EXT_MIC_R
I
Exteranl MIC Rch Input Pin
54
INT_MIC_R
I
Internal MIC Rch Input Pin
60
INT_MIC_L
I
Internal MIC Lch Input Pin
61
EXT_MIC_L
I
External MIC Lch Input Pin
62
MIC_B
I
MIC-Amp Bias Pin
63
PRE_N_L
I
Lch Pre-Amp Negative Input Pin
64
PRE_O_L
O
Lch Pre-Amp Output Pin
Note: All input pins should not be left floating.


Similar Part No. - AK4561VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4560AVQ AKM-AK4560AVQ Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AK4562 AKM-AK4562 Datasheet
396Kb / 30P
   EVALUATION BOARD REV.A FOR AK4562
AK4562VN AKM-AK4562VN Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
More results

Similar Description - AK4561VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AKD4673-A AKM-AKD4673-A Datasheet
1Mb / 48P
   stereo CODEC with built-in MIC/HP amplifier and TSC
AKD4645-B AKM-AKD4645-B Datasheet
879Kb / 40P
   Stereo CODEC with built-in MIC/HP amplifier
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com