Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4566 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4566
Description  20bit Stereo CODEC with built-in IPGA & HP-AMP
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4566 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4566 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4566 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4566 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4566 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4566 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4566 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4566 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4566 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4566 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
ASAHI KASEI
AKM CONFIDENTIAL
[AK4566]
REV 0.5
2002/2
- 1 -
FEATURE
The AK4566 is a 20bit CODEC with built-in Input PGA and Headphone Amplifier. The AK4566 includes
microphone/line input selector and ALC circuit for input, and Mono line output buffer, analog volume and
stereo headphone amplifier for output which is suitable for portable applications. The AK4566 also
features an analog mixing circuit that allows easy interfacing in mobile phone and portable
communication designs. The integrated headphone amplifier features “click-free” power-on/off, a mute
control and delivers 8.7mW of power into 16
Ω load via 6.8Ω series resistor. The AK4566 is housed in a
28pin QFN package, making it suitable for portable applications.
FEATURE
2ch 20bit ADC
- S/N: 88dB
- Single-ended input
- 2 stereo inputs selector
- Analog input PGA: +32dB
∼ -19dB, Mute, 0.5dB step (MIC input)
+20dB
∼ -31dB, Mute, 0.5dB step (LINE input)
- Digital HPF for DC-offset cancellation
- I/F format: 20bit MSB justified, I
2S
2ch 20bit DAC
- I/F Format: I
2S, 20bit MSB justified, 20bit/16bit LSB justified
- Digital ATT: 0dB
∼ -127dB, Mute, 0.5dB step (soft transition)
- Soft mute
- Digital De-emphasis Filter: 32kHz, 44.1kHz and 48kHz
- Bass Boost Function
Sampling Rate: 8kHz
∼ 48kHz
System clock: 256fs/384fs/512fs
- Input level: CMOS or 1Vpp Analog Input
Analog Mixing Circuit
Mono Lineout
- Analog volume: 0dB
∼ -30dB, Mute, 2dB step
Headphone Amplifier
- Output Power: 8.7mW x 2ch @16
Ω load & 6.8Ω series resistor
- S/N: 90dB
µP Interface: 3-wire
Power management
Power supply: 2.7V
∼ 3.6V
Power dissipation: 16mA
Ta: -40
∼ 85°C
Small Package: 28pin QFN (5.2mm x 5.2mm, 0.5mm pitch)
20bit Stereo CODEC with built-in IPGA & HP-AMP
AK4566
= Preliminary =


Similar Part No. - AKD4566

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4560A AKM-AKD4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AKD4561 AKM-AKD4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AKD4562 AKM-AKD4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AKD4562 AKM-AKD4562 Datasheet
396Kb / 30P
   EVALUATION BOARD REV.A FOR AK4562
AKD4563A AKM-AKD4563A Datasheet
359Kb / 39P
   Low Power 16bit 4ch ADC & 2ch DAC with ALC
More results

Similar Description - AKD4566

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4569 AKM-AK4569 Datasheet
460Kb / 45P
   20-Bit Stereo CODEC with IPGA & HP-AMP
AKD4645-B AKM-AKD4645-B Datasheet
879Kb / 40P
   Stereo CODEC with built-in MIC/HP amplifier
AKD4644-B AKM-AKD4644-B Datasheet
1Mb / 40P
   Stereo CODEC with built-in MIC/HP/RCV amplifier
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com