Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1010 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1010
Description  6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1010 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1010 Datasheet HTML 2Page - NXP Semiconductors TDA1010 Datasheet HTML 3Page - NXP Semiconductors TDA1010 Datasheet HTML 4Page - NXP Semiconductors TDA1010 Datasheet HTML 5Page - NXP Semiconductors TDA1010 Datasheet HTML 6Page - NXP Semiconductors TDA1010 Datasheet HTML 7Page - NXP Semiconductors TDA1010 Datasheet HTML 8Page - NXP Semiconductors TDA1010 Datasheet HTML 9Page - NXP Semiconductors TDA1010 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
November 1982
6
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications
10 W audio power amplifier in mains-fed applications
TDA1010A
Notes
1. Measured with an ideal coupling capacitor to the speaker load.
2. Up to Po ≤ 3 W : dtot ≤ 1%.
3. Measured with a load impedance of 20 k
Ω.
4. Independent of load impedance of preamplifier.
5. Output impedance of preamplifier (
ZΟ) is correlated (within 10%) with the input impedance (Zi) of the power
amplifier.
6. Unweighted r.m.s. noise voltage measured at a bandwidth of 60 Hz to 15 kHz (12 dB/octave).
7. Ripple rejection measured with a source impedance between 0 and 2 k
Ω (maximum ripple amplitude: 2 V).
8. The tab must be electrically floating or connected to the substrate (pin 9).
Fig.3 Test circuit.


Similar Part No. - TDA1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1010A ETC-TDA1010A Datasheet
19Kb / 1P
   AUIDO OUTPUT
More results

Similar Description - TDA1010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
   10 W car radio audio amplifier
September 2013
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
   10 W car radio audio amplifier
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4632 SANYO-LA4632 Datasheet
78Kb / 8P
   10 W Two-Channel BTL AF Power Amplifier for Audio Applications
logo
KODENSHI_AUK CORP.
KKA7053N KODENSHI-KKA7053N Datasheet
293Kb / 6P
   2 x 1 W portable/mains-fed stereo power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com