Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1011 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA1011
Description  2 to 6 W audio power amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1011 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA1011 Datasheet HTML 5Page - NXP Semiconductors TDA1011 Datasheet HTML 6Page - NXP Semiconductors TDA1011 Datasheet HTML 7Page - NXP Semiconductors TDA1011 Datasheet HTML 8Page - NXP Semiconductors TDA1011 Datasheet HTML 9Page - NXP Semiconductors TDA1011 Datasheet HTML 10Page - NXP Semiconductors TDA1011 Datasheet HTML 11Page - NXP Semiconductors TDA1011 Datasheet HTML 12Page - NXP Semiconductors TDA1011 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
November 1982
9
Philips Semiconductors
Product specification
2 to 6 W audio power amplifier
TDA1011
Fig.8
Total harmonic distortion as a function of output power across RL; _____ with bootstrap;
− − − without bootstrap; f = 1 kHz; typical values. The available output power is 5% higher when measured
at pin 2 (due to series resistance of C10).
Fig.9
Output power across RL as a function of supply voltage with bootstrap; dtot = 10%; typical values.
The available output power is 5% higher when measured at pin 2 (due to series resistance of C10).


Similar Part No. - TDA1011

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1011A PHILIPS-TDA1011A Datasheet
286Kb / 8P
   2 to 5W audio power amplifier with preamplifier
January 1980
More results

Similar Description - TDA1011

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA1394 HITACHI-HA1394 Datasheet
448Kb / 6P
   DUAL 6 TO 8 W AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8246AHQ TOSHIBA-TA8246AHQ Datasheet
286Kb / 11P
   Dual Audio Power Amplifier 6 W 횞 2 Ch
logo
NXP Semiconductors
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
Toshiba Semiconductor
TA8246AH TOSHIBA-TA8246AH_02 Datasheet
192Kb / 11P
   Dual Audio Power Amplifier 6 W 횞 2 Ch
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com