Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1106 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1106
Description  Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1106 Datasheet(HTML) 5 Page - Linear Technology

  LT1106_02 Datasheet HTML 1Page - Linear Technology LT1106_02 Datasheet HTML 2Page - Linear Technology LT1106_02 Datasheet HTML 3Page - Linear Technology LT1106_02 Datasheet HTML 4Page - Linear Technology LT1106_02 Datasheet HTML 5Page - Linear Technology LT1106_02 Datasheet HTML 6Page - Linear Technology LT1106_02 Datasheet HTML 7Page - Linear Technology LT1106_02 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1106
PI FU CTIO S
SELECT 12/5 (Pin 1): Tie to VIN or logic 1 for 5V output;
tie to GND or logic 0 for 12V output.
SOFT START (Pin 2): A 0.1
µF/1MΩ parallel RC from this
pin to GND provides a Soft Start function upon device
turn-on. Initially about 80
µA will flow from the pin into the
capacitor. When the voltage at the pin reaches approxi-
mately 0.4V, current ceases flowing out of the pin. See
Applications Information section.
VCC (Pins 3, 4): Input Supply. Both pins should be tied
together. At least 1
µF input bypass capacitance is re-
quired. More capacitance reduces ringing on the supply
line.
3/5 (Pin 5): Supply Comparator Output. This pin provides
logic output indicating the value of the input supply. High
when VCC = 5V; low when VCC = 3.3V.
PGND (Pins 6, 7): Power Ground. Connect to ground plane.
VSW (Pins 9, 10, 11): Collector of Power Switch. High dV/
dt present on this pin. To minimize radiated noise keep
layout short and direct.
GND (Pin 13): Signal Ground. Connect of ground plane.
VPP VALID (Pin 14): This pin provides a logic signal
indicating that ouput voltage is greater than 11.4V. Active
low with internal 200k pull-up resistor.
G1, G2 (Pins 16, 15): External MOSFET Gate Drives. When
VPP1 or VPP2 is greater than 11.7V, G1 or G2 is driven to
about 0.8V. When VPP1 or VPP2 is less than 11.7V, the
drives assume a high impedance state pulled up to the
AVPP pin through an internal 100k resistor.
VPP1, VPP2 (Pins 18, 17): Programming Power Inputs.
The LT1106 senses both VPP1 and VPP2 supplies at the
PCMCIA card socket. If VPP1 or VPP2 is greater than 11V,
the LT1106 operates in “Doze” Mode — the switching
regulator turns off and the drive to external P-channel
MOSFETs turns on. Supply current in Doze Mode is about
350
µA. Input current into VPP1 and VPP2 is about 1µA
when the device is shut down.
AVPP (Pin 19): Output Sense Pin. This pin connects to a
1M
Ω resistive divider that sets the output voltage. In
shutdown, the resistor string is disconnected and current
into this pin is reduced to < 1
µA.
ON/OFF (Pin 20): Shutdown Control. When pulled below
1.5V, this pin disables the LT1106 and reduces supply
current to 10
µA. All circuitry except the 3/5 comparator
is disabled in shutdown. The part is enabled when
ON/OFF is greater than 1.5V.


Similar Part No. - LT1106_02

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1106CF LINER-LT1106CF Datasheet
223Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1106 LINER-LT1106_15 Datasheet
274Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
More results

Similar Description - LT1106_02

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1106 LINER-LT1106 Datasheet
223Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1106 LINER-LT1106_15 Datasheet
274Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1301 LINER-LT1301_15 Datasheet
265Kb / 12P
   Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1301 LINER-LT1301 Datasheet
286Kb / 12P
   Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1309 LINER-LT1309_15 Datasheet
330Kb / 8P
   500kHz Micropower DC/DC Converter for Flash Memory
LT1309 LINER-LT1309 Datasheet
236Kb / 8P
   500kHz Micropower DC/DC Converter for Flash Memory
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com