Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1111 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1111
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1111_03 Datasheet HTML 8Page - Linear Technology LT1111_03 Datasheet HTML 9Page - Linear Technology LT1111_03 Datasheet HTML 10Page - Linear Technology LT1111_03 Datasheet HTML 11Page - Linear Technology LT1111_03 Datasheet HTML 12Page - Linear Technology LT1111_03 Datasheet HTML 13Page - Linear Technology LT1111_03 Datasheet HTML 14Page - Linear Technology LT1111_03 Datasheet HTML 15Page - Linear Technology LT1111_03 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1111
1111fd
S
APPLICATI
TYPICAL
3V to – 22V LCD Bias Generator
9V to 5V Step-Down Converter
20V to 5V Step-Down Converter
LT1111 • TA03
LIM
I
GND
R1
100
LT1111
MBRS130T3
4.7
µF
L1*
27
µH
–22V OUTPUT
7mA AT 2V INPUT
* L1 = SUMIDA CD54-270K
FOR 5V INPUT CHANGE R1 TO 47
Ω.
CONVERTER WILL DELIVER –22V AT 40mA.
2
× 1.5V
CELLS
3V
FB
22
µF
220k
0.1
µF
1N4148
39.2k
1%
732k
1%
MBRS130T3
+
+
IN
V
SW2
SW1
LT1111 • TA04
LIM
I
SENSE
GND
100
9V
BATTERY
LT1111-5
MBRS130T3
22
µF
L1*
15
µH
5V OUTPUT
150mA AT 9V INPUT
50mA AT 6.5V INPUT
* L1 = SUMIDA CD54-150K
IN
V
SW2
SW1
+
LT1111 • TA06
100
MBRS130T3
47
µF
L1*
68
µH
5V OUTPUT
300mA
* L1 = SUMIDA CD74-680M
VIN
12V TO 28V
+
IN
V
SW2
SW1
LIM
I
SENSE
GND
LT1111-5
5V to –5V Converter
LT1111 • TA05
100
MBRS130T3
33
µF
L1*
33
µH
–5V OUTPUT
75mA
22
µF
VIN
5V INPUT
* L1= SUMIDA CD54-330K
+
+
IN
V
SW2
SW1
LIM
I
SENSE
GND
LT1111-5
Voltage Controlled Positive-to-Negative Converter
LT1111 • TA07
220
* L1 = COILTRONICS CTX20-4
ZETEX INC. 516-543-7100
VIN
5V TO 12V
BAT54
220
L1*
20
µH, 3A
IN
V
LT1006
47
µF
39k
200k
–VOUT = –5.13 × VC
2W MAXIMUM OUTPUT
VC (0V TO 5V)
0.22
MBRD320
ZETEX
ZTX788A
FB
GND
LT1111
IN
V
SW2
SW1
LIM
I
+


Similar Part No. - LT1111_03

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1111-12 LINER-LT1111-12 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111-5 LINER-LT1111-5 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111C LINER-LT1111C Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111CN8 LINER-LT1111CN8 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111CN8-12 LINER-LT1111CN8-12 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1111_03

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
   Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com