Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1117CST Datasheet(PDF) 11 Page - Linear Technology

Part # LT1117CST
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117CST Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1117CST Datasheet HTML 4Page - Linear Technology LT1117CST Datasheet HTML 5Page - Linear Technology LT1117CST Datasheet HTML 6Page - Linear Technology LT1117CST Datasheet HTML 7Page - Linear Technology LT1117CST Datasheet HTML 8Page - Linear Technology LT1117CST Datasheet HTML 9Page - Linear Technology LT1117CST Datasheet HTML 10Page - Linear Technology LT1117CST Datasheet HTML 11Page - Linear Technology LT1117CST Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
The SOT-223 is manufactured with gull wing leadform for
surface mount applications. The leads and heat sink are
solder plated and allow easy soldering using nonactive or
mildly active fluxes. The package is constructed with three
leads exiting one side of the package and one heat sink
exiting the other side, and the die attached to the heat sink
internally.
The recommended methods of soldering SOT-223 are:
vapor phase reflow and infrared reflow with preheat of
component to within 65
°Cofthesoldertemperature.Hand
soldering and wave soldering are not recommended since
these methods can easily damage the part with excessive
thermal gradients across the package.
Care must be exercised during surface mount to minimize
large (> 30
°C per second) thermal shock to the package.
LT1117 • TA15
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTIO
M Package
3-Lead Plastic DD Pak
(LTC DWG # 05-08-1460)
M (DD3) 1098
0.050
(1.270)
BSC
0.143
+0.012
– 0.020
()
3.632
+0.305
–0.508
0.090 – 0.110
(2.286 – 2.794)
0.013 – 0.023
(0.330 – 0.584)
0.095 – 0.115
(2.413 – 2.921)
0.004
+0.008
–0.004
()
0.102
+0.203
–0.102
0.050
± 0.012
(1.270
± 0.305)
0.059
(1.499)
TYP
0.045 – 0.055
(1.143 – 1.397)
0.165 – 0.180
(4.191 – 4.572)
0.330 – 0.370
(8.382 – 9.398)
0.060
(1.524)
TYP
0.390 – 0.415
(9.906 – 10.541)
15
° TYP
0.300
(7.620)
0.075
(1.905)
0.183
(4.648)
0.060
(1.524)
0.060
(1.524)
0.256
(6.502)
BOTTOM VIEW OF DD PAK
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK
SOLDERI G
ETHODS
0.114 – 0.124
(2.90 – 3.15)
0.248 – 0.264
(6.30 – 6.71)
0.130 – 0.146
(3.30 – 3.71)
0.264 – 0.287
(6.70 – 7.30)
0.0905
(2.30)
NOM
0.033 – 0.041
(0.84 – 1.04)
0.181
(4.60)
NOM
0.024 – 0.033
(0.60 – 0.84)
0.071
(1.80)
MAX
10
°
MAX
0.012
(0.31)
MIN
0.0008 – 0.0040
(0.0203 – 0.1016)
10
° – 16°
0.010 – 0.014
(0.25 – 0.36)
10
° – 16°
ST3 (SOT-233) 1298
ST Package
3-Lead Plastic SOT-223
(LTC DWG # 05-08-1630)


Similar Part No. - LT1117CST

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117CST LINER-LT1117CST Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST LINER-LT1117CST Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-2.85 LINER-LT1117CST-2.85 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-2.85 LINER-LT1117CST-2.85 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-2.85-PBF LINER-LT1117CST-2.85-PBF Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results

Similar Description - LT1117CST

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
TelCom Semiconductor, I...
TCL1117 TELCOM-TCL1117 Datasheet
121Kb / 9P
   800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086_04 Datasheet
217Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com