Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1117CST Datasheet(PDF) 6 Page - Linear Technology

Part # LT1117CST
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117CST Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1117CST Datasheet HTML 2Page - Linear Technology LT1117CST Datasheet HTML 3Page - Linear Technology LT1117CST Datasheet HTML 4Page - Linear Technology LT1117CST Datasheet HTML 5Page - Linear Technology LT1117CST Datasheet HTML 6Page - Linear Technology LT1117CST Datasheet HTML 7Page - Linear Technology LT1117CST Datasheet HTML 8Page - Linear Technology LT1117CST Datasheet HTML 9Page - Linear Technology LT1117CST Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
The adjust pin can be driven, on a transient basis,
±25V
with respect to the output without any device degradation.
Diodes between input and output are not usually needed.
The internal diode between the output and input pins of the
device can withstand microsecond surge currents of 10A
to 20A. Normal power supply cycling can not generate
currents of this magnitude. Only with extremely large
output capacitors, such as 1000
µFandlarger,andwiththe
input pin instantaneously shorted to ground can damage
occur. A crowbar circuit at the input of the LT1117 in
combination with a large output capacitor could generate
currents large enough to cause damage. In this case a
diode from output to input is recommended, as shown in
Figure 1.
to set the overall output voltage. Normally this current is
chosen to be the specified minimum load current of 10mA.
Because IADJ is very small and constant when compared
to the current through R1, it represents a small error and
can usually be ignored. For fixed voltage devices R1 and
R2 are included in the device.
Load Regulation
Because the LT1117 is a 3-terminal device, it is not
possible to provide true remote load sensing. Load regu-
lation will be limited by the resistance of the wire connect-
ing the regulator to the load. The data sheet specification
for load regulation is measured at the output pin of the
device. Negative side sensing is a true Kelvin connection,
with the bottom of the output divider returned to the
negative side of the load. Although it may not be immedi-
ately obvious, best load regulation is obtained when the
top of the resistor divider (R1) is returned directly to the
output pin of the device, not to the load. This is illustrated
in Figure 3. Connected as shown, RP is not multiplied by
the divider ratio. If R1 were connected to the load, the
effective resistance between the regulator and the load
would be:
R
RR
R
R
PP
×
+
=
21
1
,
Parasitic Line Resistance
Figure 2. Basic Adjustable Regulator
Output Voltage
The LT1117 develops a 1.25V reference voltage between
the output and the adjust terminal (see Figure 2). By
placing a resistor between these two terminals, a constant
current is caused to flow through R1 and down through R2
Figure 1
LT1117 • TA02
+
+
D1
1N4002
(OPTIONAL)
CADJ
10
µF
R2
R1
COUT
150
µF
VOUT
VIN
LT1117
IN
ADJ
OUT
LT1117 • TA03
R2
R1
VOUT
VIN
VREF
IADJ
50
µA
LT1117
IN
ADJ
OUT
VOUT = VREF 1 +
+ IADJ R2
R2
R1
()
+
Figure 3. Connections for Best Load Regulation
LT1117 • TA04
R2
R1
VIN
RP
PARASITIC
LINE RESISTANCE
RL
CONNECT
R1 TO CASE
CONNECT
R2 TO LOAD
LT1117
IN
ADJ
OUT
For fixed voltage devices the top of R1 is internally Kelvin
connected, and the ground pin can be used for negative
side sensing.
APPLICATIO HI TS


Similar Part No. - LT1117CST

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117CST LINER-LT1117CST Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST LINER-LT1117CST Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-2.85 LINER-LT1117CST-2.85 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-2.85 LINER-LT1117CST-2.85 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-2.85-PBF LINER-LT1117CST-2.85-PBF Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results

Similar Description - LT1117CST

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
TelCom Semiconductor, I...
TCL1117 TELCOM-TCL1117 Datasheet
121Kb / 9P
   800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086_04 Datasheet
217Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com