Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1120ACS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1120ACS8
Description  Micropower Regulator with Comparator and Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1120ACS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1120ACS8 Datasheet HTML 1Page - Linear Technology LT1120ACS8 Datasheet HTML 2Page - Linear Technology LT1120ACS8 Datasheet HTML 3Page - Linear Technology LT1120ACS8 Datasheet HTML 4Page - Linear Technology LT1120ACS8 Datasheet HTML 5Page - Linear Technology LT1120ACS8 Datasheet HTML 6Page - Linear Technology LT1120ACS8 Datasheet HTML 7Page - Linear Technology LT1120ACS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1120A
1120afa
s
20
µA Supply Current
s
125mA Output Current
s
2.5V Reference
s
Reference Output Sources 4mA and Sinks 4mA
s
Open Collector Comparator Sinks 10mA
s
Logic Shutdown
s
0.2V Dropout Voltage
s
Thermal Limiting
s
8-Lead SO Package
The LT
®1120A is a combination micropower positive
regulator and free collector comparator on a single mono-
lithic chip. With only 20
µA supply current, the LT1120A
can supply over 125mA of output current. Input voltage
range is from 4.5V to 36V and dropout voltage is 0.6V at
125mA. Dropout voltage decreases with lower load cur-
rents. Also included on the chip is a class B output 2.5V
reference that can either source or sink current. This
allows it to be used as a supply splitter or auxiliary output.
A shutdown pin allows logic shutdown of the output.
The comparator can be used for system or battery moni-
toring. For example, the comparator can be used to warn
of low system voltage. Frequency compensation of the
comparator for amplifier applications can be obtained by
adding external output capacitance.
Micropower Regulator with
Comparator and Shutdown
Dropout Voltage and Supply Current
5V Regulator
1120A TA01
VIN > 5.2V
IQ = 20µA
10
µF
1M
SHUTDOWN
1
3
54
2
0.001
µF
25
µF
1M
5V
LT1120A
VOUT
VIN
GND
FB
+
+
OUTPUT CURRENT (mA)
0.1
0.01
1.00
1
1000
1120A TA02
10
0.10
100
0.1
10
1
s
Battery Systems
s
Battery Backup System
s
Portable Terminals
s
Portable Instruments
s
Memory Keep Alive
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1120ACS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120ACS8 LINER-LT1120ACS8 Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
More results

Similar Description - LT1120ACS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
logo
Texas Instruments
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
[Old version datasheet]   40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com