Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1120 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1120
Description  Micropower Regulator with Comparator and Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1120 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1120_03 Datasheet HTML 4Page - Linear Technology LT1120_03 Datasheet HTML 5Page - Linear Technology LT1120_03 Datasheet HTML 6Page - Linear Technology LT1120_03 Datasheet HTML 7Page - Linear Technology LT1120_03 Datasheet HTML 8Page - Linear Technology LT1120_03 Datasheet HTML 9Page - Linear Technology LT1120_03 Datasheet HTML 10Page - Linear Technology LT1120_03 Datasheet HTML 11Page - Linear Technology LT1120_03 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1120
1120fc
TYPICAL APPLICATIO S
Regulator with Output Voltage Monitor
+
VIN
VOUT
FB
GND
REF
LT1120
4
0.001
µF
98k
500k
5V
LOGIC
LOGIC
OUTPUT
100k
2k
10
µF
VOUT
VOUT
5V
1120 TA03
2
–INPUT 8
1
6
5
7
+
LOGIC OUTPUT GOES LOW WHEN VOUT DROPS BY 100mV
PIN 7
LOGIC
OUTPUT
Compensating the Comparator as an Op Amp
1A Low Dropout Regulator
+
VOUT
FB
GND
LT1120
4
0.001
µF
100k
MJE2955
10k*
2.2k
VIN
*
100k
150
Ω*
220
µF
VOUT
5V
1120 TA05
2
1
VIN
5
* FOR CURRENT LIMIT
≈ 1.5A
MUST HAVE LOW ESR. SEVERAL 100
µF CAPACITORS CAN BE PARALLELED.
C1
50
µA
AT Av = 100,
SLEW RATE = +0.05V/
µs
–6V/
µs
+
R2
6
8
7
R1
1M
C2
1120 TA04
Av
R1
C1
C2
R2
133
0.1
µF
0.001
µF—
10
100
0.047
µF
100k
100
10k
0.002
µF
10k


Similar Part No. - LT1120_03

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1120A LINER-LT1120A Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120AC LINER-LT1120AC Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
More results

Similar Description - LT1120_03

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
logo
Texas Instruments
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
[Old version datasheet]   40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com