Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1120CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1120CS8
Description  Micropower Regulator with Comparator and Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1120CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1120CS8 Datasheet HTML 1Page - Linear Technology LT1120CS8 Datasheet HTML 2Page - Linear Technology LT1120CS8 Datasheet HTML 3Page - Linear Technology LT1120CS8 Datasheet HTML 4Page - Linear Technology LT1120CS8 Datasheet HTML 5Page - Linear Technology LT1120CS8 Datasheet HTML 6Page - Linear Technology LT1120CS8 Datasheet HTML 7Page - Linear Technology LT1120CS8 Datasheet HTML 8Page - Linear Technology LT1120CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1120
1120fc
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference
Reference Voltage
4.5V
≤ VIN ≤ 36V
q
2.40
2.50
2.55
V
Line Regulation
4.5V
≤ VIN ≤ 36V
q
0.01
0.02
%/V
Load Regulation
– 2mA
≤ IREF ≤ 2mA, VIN = 12V
q
0.4
0.8
%
Output Source Current
VIN = 5V
q
2mA
Output Sink Current
VIN = 5V
q
2mA
Regulator
Supply Current
VIN = 6V, IOUT ≤ 100µA
q
65
95
µA
VIN = 36V, IOUT ≤ 100µA
q
85
100
µA
VIN = 12V, IOUT = 125mA
q
11
20
mA
Output Current
(VIN – VOUT) ≥ 1V, VIN ≥ 6V
q
125
mA
Load Regulation
(VIN – VOUT) ≥ 1V, VIN ≥ 6V
q
1%
Line Regulation
6V
≤ VIN ≤ 36V
q
0.02
%/V
Dropout Voltage
IOUT = 100µA
q
0.06
V
IOUT = 125mA
q
0.85
V
Feedback Sense Voltage
VIN = 12V
q
2.38
2.5
2.57
V
Feedback Bias Current
q
50
nA
Minimum Load Current
VIN = 36V
q
50
µA
Short-Circuit Current
VIN = 36V
q
300
400
mA
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. Tj = 25°C.
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
Feedback Sense Voltage
VIN = 12V
2.44
2.5
2.56
V
Shutdown Pin Voltage
Normal
0.4
V
VOUT ≤ 0.5V
Shutdown
2.2
1.4
V
Shutdown Pin Current
VIN = 1.4V
25
µA
Feedback Bias Current
15
40
nA
Minimum Load Current
VIN = 36V
15
µA
Short-Circuit Current
VIN = 36V
300
400
mA
Comparator
Offset Voltage
VIN = 36V
37
mV
Bias Current
VIN = 36V (Note 2)
15
40
nA
Gain
∆VOUT = 29V, RL = 20k
2000
10000
V/V
Power Supply Rejection
4.5V
≤ VS ≤ 36V
80
96
dB
Output Sink Current
VIN = 4.5V
10
18
mA
Saturation Voltage
IOUT = 1mA
0.4
0.6
V
Input Voltage Range
0VIN – 1
V
Response Time
5
µs
Leakage Current
2
µA


Similar Part No. - LT1120CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120CS8 LINER-LT1120CS8 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
More results

Similar Description - LT1120CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
logo
Texas Instruments
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
[Old version datasheet]   40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com