Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPJ150S Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # SPJ150S
Description  10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 3000 ns Recovery Time
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SPJ150S Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  SPJ150S Datasheet HTML 1Page - Voltage Multipliers Inc. SPJ150S Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
184
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0.10.2
0.30.4
0.50.6
Forw ard Current (A)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.10.2
0.30.4
0.50.6
Forw ard Current (A)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.1
0.2
0.3
0.4
0.5
0.6
Forw ard Current (A)
SPJ100S SPJ150S SPJ200S SPJ250S SPJ300S SPJ350S SPJ400S SPJ450S
SPJ150S
SPJ100S
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
Forward Current (A)
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
Forward Current (A)
SPJ200S
SPJ250S
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
Forward Current (A)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
0.10.2
0.30.4
0.50.6
Forw ard Current (A)
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
Forward Current (A)
SPJ350S
SPJ300S
SPJ400S
SPJ450S


Similar Part No. - SPJ150S

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SPJ150F VMI-SPJ150F Datasheet
35Kb / 2P
   10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 70 ns Recovery Time
More results

Similar Description - SPJ150S

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SPJ100F VMI-SPJ100F Datasheet
35Kb / 2P
   10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 70 ns Recovery Time
FP25S VMI-FP25S Datasheet
82Kb / 2P
   2,500 V - 10,000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time
logo
List of Unclassifed Man...
SP25F ETC1-SP25F Datasheet
75Kb / 2P
   2,500 V - 10,000 V Rectifier Stacks (0.5 A Forward Current 150 ns Recovery Time)
logo
Voltage Multipliers Inc...
FP125S VMI-FP125S Datasheet
74Kb / 2P
   12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time
SP150S VMI-SP150S Datasheet
75Kb / 2P
   15,000 V - 30,000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time
logo
List of Unclassifed Man...
Z25SG ETC1-Z25SG Datasheet
98Kb / 2P
   2,500 V - 10,000 V Rectifiers (0.50 A - 1.5 A Forward Current 3000 ns Recovery Time)
logo
Voltage Multipliers Inc...
SP125F VMI-SP125F Datasheet
74Kb / 2P
   12,500 V - 25,000 V Rectifier Stacks 0.5 A Forward Current 150 ns Recovery Time
logo
List of Unclassifed Man...
FP125F ETC1-FP125F Datasheet
48Kb / 2P
   12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time
logo
Voltage Multipliers Inc...
Z150FG VMI-Z150FG Datasheet
96Kb / 2P
   15,000 V Rectifiers 0.30 A Forward Current 3000 ns Recovery Time
Z150SG VMI-Z150SG Datasheet
96Kb / 2P
   15,000 V Rectifiers 0.30 A Forward Current 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com