Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1121CN8-3.3 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1121CN8-3.3
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121CN8-3.3 Datasheet(HTML) 1 Page - Linear Technology

  LT1121CN8-3.3 Datasheet HTML 1Page - Linear Technology LT1121CN8-3.3 Datasheet HTML 2Page - Linear Technology LT1121CN8-3.3 Datasheet HTML 3Page - Linear Technology LT1121CN8-3.3 Datasheet HTML 4Page - Linear Technology LT1121CN8-3.3 Datasheet HTML 5Page - Linear Technology LT1121CN8-3.3 Datasheet HTML 6Page - Linear Technology LT1121CN8-3.3 Datasheet HTML 7Page - Linear Technology LT1121CN8-3.3 Datasheet HTML 8Page - Linear Technology LT1121CN8-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1121/LT1121-3.3/LT1121-5
1121fe
Micropower Low Dropout
Regulators with Shutdown
0.4V Dropout Voltage
150mA Output Current
30
μA Quiescent Current
No Protection Diodes Needed
Adjustable Output from 3.75V to 30V
3.3V and 5V Fixed Output Voltages
Controlled Quiescent Current in Dropout
Shutdown
16
μA Quiescent Current in Shutdown
Stable with 0.33
μF Output Capacitor
Reverse Battery Protection
No Reverse Current with Input Low
Thermal Limiting
Available in the 8-Lead SO, 8-Lead PDIP, 3-Lead
SOT-23 and 3-Lead TO-92 Packages
The LT
®1121/LT1121-3.3/LT1121-5 are micropower low
dropout regulators with shutdown. These devices are
capable of supplying 150mA of output current with a
dropout voltage of 0.4V. Designed for use in battery-
powered systems, the low quiescent current, 30
μA oper-
ating and 16
μA in shutdown, makes them an ideal choice.
The quiescent current is well-controlled; it does not rise in
dropout as it does with many other low dropout PNP
regulators.
Other features of the LT1121/LT1121-3.3/LT1121-5 in-
clude the ability to operate with very small output capaci-
tors. They are stable with only 0.33
μF on the output while
most older devices require between 1
μF and 100μF for
stability. Small ceramic capacitors can be used, enhancing
manufacturability. Also the input may be connected to
ground or a reverse voltage without reverse current flow
from output to input. This makes the LT1121 series ideal
for backup power situations where the output is held high
and the input is at ground or reversed. Under these
conditions only 16
μA will flow from the output pin to
ground.
Low Current Regulator
Regulator for Battery-Powered Systems
Post Regulator for Switching Supplies
5V Battery-Powered Supply with Shutdown
OUTPUT CURRENT (mA)
0
0.3
0.4
0.5
60
100
160
0.2
0.1
0
20
40
80
120 140
LT1121 • TA02
Dropout Voltage
IN
OUT
LT1121-3.3
GND
3.3VOUT
150mA
1
μF
SOLID TANTALUM
5V
8
+
5
1
3
LT1121 • TA01
VSHDN (PIN 5)
<0.25
>2.8
NC
OUTPUT
OFF
ON
ON
SHDN
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1121CN8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121CN8-3.3 LINER-LT1121CN8-3.3 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1121CN8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com