Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1142 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1142
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1142 Datasheet(HTML) 3 Page - Linear Technology

  LTC1142_00 Datasheet HTML 1Page - Linear Technology LTC1142_00 Datasheet HTML 2Page - Linear Technology LTC1142_00 Datasheet HTML 3Page - Linear Technology LTC1142_00 Datasheet HTML 4Page - Linear Technology LTC1142_00 Datasheet HTML 5Page - Linear Technology LTC1142_00 Datasheet HTML 6Page - Linear Technology LTC1142_00 Datasheet HTML 7Page - Linear Technology LTC1142_00 Datasheet HTML 8Page - Linear Technology LTC1142_00 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1142/LTC1142L/LTC1142HV
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V10 = V24 = 10V, VSHDN = 0V unless otherwise noted.
V2, V16
Feedback Voltage
LTC1142HV-ADJ Only: V10, V24 = 9V
1.21
1.25
1.29
V
I2, I16
Feedback Current
LTC1142HV-ADJ Only
0.2
1
µA
VOUT
Regulated Output Voltage
LTC1142, LTC1142HV
3.3V Output
ILOAD = 700mA, V24 = 9V
3.17
3.33
3.43
V
5V Output
ILOAD = 700mA, V10 = 9V
4.85
5.05
5.20
V
I10, I24
Input DC Supply Current (Note 3)
LTC1142
Normal Mode
4V < V10, V24 < 12V
1.6
2.4
mA
Sleep Mode
4V < V24 < 12V, 6V < V10 < 12V
160
260
µA
Shutdown
VSHDN = 2.1V, 4V < V10, V24 < 12V
10
22
µA
Input DC Supply Current (Note 3)
LTC1142HV-ADJ, LTC1142HV
Normal Mode
4V < V10, V24 < 18V
1.6
2.6
mA
Sleep Mode
4V < V24 < 18V, 6V < V10 < 18V
160
280
µA
Shutdown
VSHDN = 2.1V, 4V < V10, V24 < 12V
10
24
µA
Input DC Supply Current (Note 3)
LTC1142L-ADJ (Note 6)
Normal Mode
3.5V < V10, V24 < 12V
1.6
2.4
mA
Sleep Mode
3.5V < V10, V24 < 12V
160
260
µA
Shutdown
VSD1 = VSD2 = 2.1V, 3.5V < V10, V24 < 12V
10
22
µA
V1 – V28
Current Sense Threshold Voltage
LTC1142HV-ADJ, LTC1142L-ADJ
V15 – V14
V14 = V28 = VOUT + 100mV, V2 = V16 = VREF + 25mV
25
mV
V14 = V28 = VOUT – 100mV, V2 = V16 = VREF – 25mV
125
150
175
mV
LTC1142, LTC1142HV
V28 = VOUT + 100mV (Forced)
25
mV
V28 = VOUT – 100mV (Forced)
125
150
175
mV
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input DC Supply Current (Note 3)
LTC1142HV, LTC1142HV-ADJ
Normal Mode
4V < V10, V24 < 18V
1.6
2.3
mA
Sleep Mode
4V < V24 < 18V, 6V < V10 < 18V
160
250
µA
Shutdown
VSD1 = VSD2 = 2.1V, 4V < V10, V24 < 18V
10
22
µA
Input DC Supply Current (Note 3)
LTC1142L-ADJ (Note 6)
Normal Mode
3.5V < V10, V24 < 12V
1.6
2.1
mA
Sleep Mode
3.5V < V10, V24 < 12V
160
230
µA
Shutdown
VSD1 = VSD2 = 2.1V, 3.5V < V10, V24 < 12V
10
20
µA
V1 – V28
Current Sense Threshold Voltage
LTC1142HV-ADJ, LTC1142L-ADJ
V15 – V14
V14 = V28 = VOUT + 100mV, V2 = V16 = VREF + 25mV
25
mV
V14 = V28 = VOUT – 100mV, V2 = V16 = VREF – 25mV
q
130
150
170
mV
LTC1142, LTC1142HV
V28 = VOUT + 100mV (Forced)
25
mV
V28 = VOUT – 100mV (Forced)
q
130
150
170
mV
LTC1142, LTC1142HV
V14 = VOUT + 100mV (Forced)
25
mV
V14 = VOUT – 100mV (Forced)
q
130
150
170
mV
VSHDN
Shutdown Pin Threshold
0.5
0.8
2
V
ISHDN
Shutdown Pin Input Current
0V < VSHDN < 8V, V10, V24 = 16V
1.2
5
µA
I11, I24
CT Pin Discharge Current
VOUT in Regulation, VSENSE– = VOUT
50
70
90
µA
VOUT = 0V
2
10
µA
tOFF
Off-Time (Note 4)
CT = 390pF, ILOAD = 700mA
4
5
6
µs
tr, tf
Driver Output Transition Times
CL = 3000pF (Pins 6, 9, 20, 23), V10, V24 = 6V
100
200
ns
–40
°C ≤ TA ≤ 85°C (Note 5), V10 = V24 = 10V, unless otherwise noted.


Similar Part No. - LTC1142_00

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1142-ADJ LINER-LTC1142-ADJ Datasheet
401Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142CG LINER-LTC1142CG Datasheet
401Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HV LINER-LTC1142HV Datasheet
401Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HV-ADJ LINER-LTC1142HV-ADJ Datasheet
401Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HVCG LINER-LTC1142HVCG Datasheet
401Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1142_00

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1267 LINER-LTC1267_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142L LINER-LTC1142L_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142 Datasheet
401Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HV LINER-LTC1142HV_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267 Datasheet
341Kb / 16P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ5 LINER-LTC1267-ADJ5_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_02 Datasheet
94Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com