Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5533-EVALZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5533-EVALZ
Description  30 MHz to 1000 MHz 75 廓 Gain Block
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5533-EVALZ Datasheet(HTML) 6 Page - Analog Devices

  ADL5533-EVALZ Datasheet HTML 1Page - Analog Devices ADL5533-EVALZ Datasheet HTML 2Page - Analog Devices ADL5533-EVALZ Datasheet HTML 3Page - Analog Devices ADL5533-EVALZ Datasheet HTML 4Page - Analog Devices ADL5533-EVALZ Datasheet HTML 5Page - Analog Devices ADL5533-EVALZ Datasheet HTML 6Page - Analog Devices ADL5533-EVALZ Datasheet HTML 7Page - Analog Devices ADL5533-EVALZ Datasheet HTML 8Page - Analog Devices ADL5533-EVALZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADL5533
Preliminary Technical Data
Rev. PrC 5/07 | Page 6 of 9
TYPICAL PERFORMANCE CHARACTERISTICS
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
50
150
250
350
450
550
650
750
850
950
1050
Frequency (MHz)
NF
GAIN
P1dB
OIP3
Figure 3 ADL5533 Gain, Noise Figure, OIP3 and P1dB vs Frequency
20
22
24
26
28
30
32
34
36
38
40
42
-6
-4
-2
0246
8
10
12
14
16
18
20
Pout (dBm)
70 MHz
190 MHz
380 MHz
500 MHz
820 MHz
1000 MHz
Figure 4 ADL5534 OIP3 vs Pout and Frequency
-35
-30
-25
-20
-15
-10
-5
30
130
230
330
430
530
630
730
830
930
1030
Frequency (MHz)
S11
S12
S22
Figure 5 ADL5533 Input / Output Return Loss and Reverse Isolation vs
Frequency


Similar Part No. - ADL5533-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5530 AD-ADL5530 Datasheet
305Kb / 12P
   DC to 1000 MHz IF Gain Block
REV. 0
ADL5530 AD-ADL5530 Datasheet
399Kb / 16P
   DC to 1000 MHz IF Gain Block
ADL5530-EVAL AD-ADL5530-EVAL Datasheet
305Kb / 12P
   DC to 1000 MHz IF Gain Block
REV. 0
ADL5530-EVALZ AD-ADL5530-EVALZ Datasheet
399Kb / 16P
   DC to 1000 MHz IF Gain Block
ADL5530ACPZ-R7 AD-ADL5530ACPZ-R7 Datasheet
305Kb / 12P
   DC to 1000 MHz IF Gain Block
REV. 0
More results

Similar Description - ADL5533-EVALZ

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRDC-10-2-75 MINI-LRDC-10-2-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 30 to 1000 MHz
LRDC-10-2-75J MINI-LRDC-10-2-75J Datasheet
253Kb / 1P
   Directional Coupler 75廓 30 to 1000 MHz
logo
Analog Devices
ADL5530 AD-ADL5530 Datasheet
305Kb / 12P
   DC to 1000 MHz IF Gain Block
REV. 0
ADL5530 AD-ADL5530_15 Datasheet
438Kb / 16P
   DC to 1000 MHz IF Gain Block
REV. A
logo
Mini-Circuits
TCD-13-4-75 MINI-TCD-13-4-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-16-4-75 MINI-ADC-16-4-75 Datasheet
242Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
TCD-18-4-75 MINI-TCD-18-4-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 10 to 1000 MHz
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
JDC-10-4-75 MINI-JDC-10-4-75 Datasheet
317Kb / 1P
   Directional Coupler 75廓 10 to 1000 MHz
logo
Analog Devices
ADL5530 AD-ADL5530_17 Datasheet
399Kb / 16P
   DC to 1000 MHz IF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com