Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1142HVCG Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1142HVCG
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1142HVCG Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1142HVCG Datasheet HTML 3Page - Linear Technology LTC1142HVCG Datasheet HTML 4Page - Linear Technology LTC1142HVCG Datasheet HTML 5Page - Linear Technology LTC1142HVCG Datasheet HTML 6Page - Linear Technology LTC1142HVCG Datasheet HTML 7Page - Linear Technology LTC1142HVCG Datasheet HTML 8Page - Linear Technology LTC1142HVCG Datasheet HTML 9Page - Linear Technology LTC1142HVCG Datasheet HTML 10Page - Linear Technology LTC1142HVCG Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1142/LTC1142L/LTC1142HV
NDRIVE 1 (Pin 6): High Current Drive for Bottom N-Channel
MOSFET, Section 1. Voltage swing at Pin 6 is from ground
to VIN1.
NC (Pins 7, 8): No Connection.
PDRIVE 2 (Pin 9): High Current Drive for Top P-Channel
MOSFET, Section 2. Voltage swing at this pin is from VIN2
to ground.
VIN2 (Pin 10): Supply pin, section 2, must be closely
decoupled to section 2 power ground, Pin 19.
CT2 (Pin 11): External capacitor CT2 from Pin 11 to ground
sets the operating frequency for the section 2. (The actual
frequency is also dependent upon the input voltage.)
INTVCC2 (Pin 12) : Internal supply voltage for section 2,
nominally 3.3V, can be decoupled to signal ground, Pin
18. Do not externally load this pin.
ITH2 (Pin 13): Gain Amplifier Decoupling Point, Section 2.
The section 2 current comparator threshold increases
with the Pin 13 voltage.
SENSE2 (Pin 14): Connects (–) input for the current
comparator on section 2.
SENSE+2 (Pin 15): The (+) Input to the Section 2 Current
Comparator. A built-in offset between Pins 15 and 14 in
conjunction with RSENSE2 sets the current trip threshold
for this section.
VFB2 (Pin 16): This pin serves as the feedback pin from an
external resistive divider used to set the output voltage for
section 2.
SHDN2 (Pin 17): When grounded, the section 2 regulator
operates normally. Pulling Pin 17 high holds both MOSFETs
off and puts section 2 in micropower shutdown mode.
Requires CMOS logic signal with tr, tf < 1µs. Do not “float”
Pin 17.
SGND2 (Pin 18): The section 2 small-signal ground must
be routed separately from other grounds to the (–) termi-
nal of the section 2 output capacitor.
PGND2 (Pin 19): The section 2 driver power ground
connects to source of the N-channel MOSFET and the (–)
terminal of the section 2 input capacitor.
NDRIVE 2 (Pin 20): High Current Drive for Bottom
N-Channel MOSFET, Section 2. Voltage swing at Pin 20 is
from ground to VIN2.
NC (Pins 21, 22): No Connection.
PDRIVE 1 (Pin 23): High Current Drive for Top P-Channel
MOSFET, Section 1. Voltage swing at this pin is from VIN1
to ground.
VIN1 (Pin 24): Supply Pin, Section 1. Must be closely
decoupled to section 1 power ground Pin 5.
CT1 (Pin 25): External capacitor CT1 from Pin 25 to ground
sets the operating frequency for section 1. (The actual
frequency is also dependent upon the input voltage.)
INTVCC1 (Pin 26): Internal supply voltage for section 1,
nominally 3.3V, can be decoupled to signal ground, Pin 4.
Do not externally load this pin.
ITH1 (Pin 27): Gain Amplifier Decoupling Point, Section 1.
The section 1 current comparator threshold increases
with the Pin 27 voltage.
SENSE 1 (Pin 28): Connects to the (–) input for the
current comparator on section 1.
PI FU CTIO S


Similar Part No. - LTC1142HVCG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1142HVCG LINER-LTC1142HVCG Datasheet
401Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HVCG-ADJ LINER-LTC1142HVCG-ADJ Datasheet
401Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1142HVCG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1267 LINER-LTC1267_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142L LINER-LTC1142L_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142 Datasheet
401Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HV LINER-LTC1142HV_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267 Datasheet
341Kb / 16P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ5 LINER-LTC1267-ADJ5_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_02 Datasheet
94Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com