Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1150 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1150
Description  짹15V Zero-Drift Operational Amplifier with Internal Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1150 Datasheet(HTML) 1 Page - Linear Technology

  LTC1150 Datasheet HTML 1Page - Linear Technology LTC1150 Datasheet HTML 2Page - Linear Technology LTC1150 Datasheet HTML 3Page - Linear Technology LTC1150 Datasheet HTML 4Page - Linear Technology LTC1150 Datasheet HTML 5Page - Linear Technology LTC1150 Datasheet HTML 6Page - Linear Technology LTC1150 Datasheet HTML 7Page - Linear Technology LTC1150 Datasheet HTML 8Page - Linear Technology LTC1150 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1150
1
1150fb
High Voltage Operation: ±16V
No External Components Required
Maximum Offset Voltage: 10µV
Maximum Offset Voltage Drift: 0.05µV/°C
Low Noise 1.8µVP-P (0.1Hz to 10Hz)
Minimum Voltage Gain: 135dB
Minimum PSRR: 120dB
Minimum CMRR: 110dB
Low Supply Current: 0.8mA
Single Supply Operation: 4.75V to 32V
Input Common Mode Range Includes Ground
200µA Supply Current with Pin 1 Grounded
Typical Overload Recovery Time 20ms
The LTC
®1150 is a high-voltage, high-performance
zero-drift operational amplifier. The two sample-and-hold
capacitors usually required externally by other chopper
amplifiers are integrated on-chip. Further, LTC’s propri-
etary high-voltage CMOS structures allow the LTC1150 to
operate at up to 32V total supply voltage.
The LTC1150 has an offset voltage of 0.5µV, drift of
0.01µV/°C, 0.1Hz to 10Hz input noise voltage of 1.8µVP-P
and a typical voltage gain of 180dB. The slew rate of 3V/µs
and a gain bandwidth product of 2.5MHz are achieved with
0.8mA of supply current. Overload recovery times from
positive and negative saturation conditions are 3ms and
20ms, respectively.
For applications demanding low power consumption,
Pin 1 can be used to program the supply current. Pin 5 is
an optional AC-coupled clock input, useful for
synchronization.
The LTC1150 is available in standard 8-lead, plastic dual-
in-line package, as well as an 8-lead SO package. The
LTC1150 can be a plug-in replacement for most standard
bipolar op amps with significant improvement in DC
performance.
±15V Zero-Drift
Operational Amplifier with
Internal Capacitors
Single Supply Instrumentation Amplifier
Noise Spectrum
LTC1150 •TA01
VOUT
VIN
–VIN
V+
V+
1M
1M
1k
1k
2
3
7
6
4
2
3
7
6
4
LTC1150
+
LTC1150
+
GAIN = 1000V/V
OUTPUT OFFSET ≤ 5mV
TOTAL SUPPLY CURRENT
DECREASES TO 400µA
WHEN BOTH PIN 1s ARE
GROUNDED
Strain Gauge Amplifiers
Electronic Scales
Medical Instrumentation
Thermocouple Amplifiers
High Resolution Data Acquisition
LTC1150 •TA02
FREQUENCY (Hz)
40
80
100
140
160
10
1k
10k
100k
0
100
120
60
20
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1150 LINER-LTC1150 Datasheet
810Kb / 11P
   -15V Chopper Stabilized Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1150 LINER-LTC1150 Datasheet
244Kb / 16P
   15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LTC1150C LINER-LTC1150C Datasheet
810Kb / 11P
   -15V Chopper Stabilized Operational Amplifier with Internal Capacitors
More results

Similar Description - LTC1150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_05 Datasheet
177Kb / 12P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1050 LINER-LTC1050_09 Datasheet
226Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_15 Datasheet
244Kb / 16P
   15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_15 Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_09 Datasheet
160Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com