Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1147CS8-3.3 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1147CS8-3.3
Description  High Efficiency Step-Down Switching Regulator Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1147CS8-3.3 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1147CS8-3.3 Datasheet HTML 4Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 5Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 6Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 7Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 8Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 9Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 10Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 11Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1147-3.3
LTC1147-5/LTC1147L
sn1147 1147fds
series will delay entering Burst Mode operation and effi-
ciency will be degraded at low currents.
Inductor Core Selection
Once the minimum value for L is known, the type of
inductor must be selected. Highest efficiency will be
obtained using ferrite, Kool M
µ® (from Magnetics, Inc.) or
molypermalloy (MPP) cores. Lower cost powdered iron
cores provide suitable performance but cut efficiency by
3% to 5%. Actual core loss is independent of core size for
a fixed inductor value, but it is very dependent on induc-
tance selected. As inductance increases, core losses go
down. Unfortunately, increased inductance requires more
turns of wire and therefore copper losses will increase.
Ferrite designs have very low core loss, so design goals
can concentrate on copper loss and preventing satura-
tion. Ferrite core material saturates “hard,” which means
that inductance collapses abruptly when the peak design
current is exceeded. This results in an abrupt increase in
inductor ripple current and consequent output voltage
ripple which can cause Burst Mode operation to be
falsely triggered in the LTC1147. Do not allow the core
to saturate!
Kool M
µ is a very good, low loss core material for toroids
with a “soft” saturation characteristic. Molypermalloy is
slightly more efficient at high (>200kHz) switching fre-
quencies but quite a bit more expensive. Toroids are very
space efficient, especially when you can use several
layers of wire. Because they generally lack a bobbin,
mounting is more difficult. However, new designs for
surface mount are available from Coiltronics, Sumida and
Beckman Industrial Corp. which do not increase the
height significantly.
Power MOSFET Selection
An external P-channel power MOSFET must be selected
for use with the LTC1147 series. The main selection
criteria for the power MOSFET are the threshold voltage
VGS(TH) and “on” resistance RDS(ON).
The minimum input voltage determines whether a stan-
dard threshold or logic-level threshold MOSFET must be
FREQUENCY (kHz)
0
0
200
400
600
100
200
LTC1147 • F03
800
1000
300
VSENSE– = VOUT = 5V
VIN = 10V
VIN = 7V
VIN = 12V
Figure 3. Timing Capacitor Value
is given by:
f
≈ 1
tOFF
)
)1– VOUT
VIN
where:
tOFF = (1.3)(104)(CT)
)
)VREG
VOUT
VREG is the desired output voltage (i.e., 5V, 3.3V). VOUT is
the measured output voltage. Thus VREG/VOUT = 1 in
regulation.
Note that as VIN decreases, the frequency decreases.
When the input to output voltage differential drops
below 1.5V, the LTC1147 reduces tOFF by increasing the
discharge current in CT. This prevents audible opera-
tion prior to dropout.
Once the frequency has been set by CT, the inductor L
must be chosen to provide no more than 25mV/RSENSE
of peak-to-peak inductor ripple current. This results in
a minimum required inductor value of:
LMIN = (5.1)(105)(RSENSE)(CT)(VREG)
As the inductor value is increased from the minimum
value, the ESR requirements for the output capacitor
are eased at the expense of efficiency. If too small an
inductor is used, the inductor current will become
discontinuous before the LTC1147 series enters Burst
Mode operation. A consequence of this is that the LTC1147
Kool M
µ is a registered trademark of Magnetics, Inc.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1147CS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
More results

Similar Description - LTC1147CS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143 Datasheet
372Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com