Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2014ETA-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2014ETA-T
Description  50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2014ETA-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2014ETA-T Datasheet HTML 2Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 3Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 4Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 5Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 6Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 7Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 8Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 9Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
50MHz to 1000MHz, 75dB Logarithmic
Detector/Controller
_______________________________________________________________________________________
9
Controller Mode
The MAX2014 can also be used as a detector/controller
within an AGC loop. Figure 3 depicts one scenario
where the MAX2014 is employed as the controller for a
variable-gain PA. As shown in the figure, the MAX2014
monitors the output of the PA through a directional cou-
pler. An internal integrator (Figure 2) compares the
detected signal with a reference voltage determined by
VSET. The integrator, acting like a comparator, increas-
es or decreases the voltage at OUT, according to how
closely the detected signal level matches the VSET ref-
erence. The MAX2014 adjusts the power of the PA to a
level determined by the voltage applied to SET. With R1 =
0
Ω, the controller mode slope is approximately
19mV/dB (RF = 100MHz).
Layout Considerations
As with any RF circuit, the layout of the MAX2014 circuit
affects the device’s performance. Use an abundant num-
ber of ground vias to minimize RF coupling. Place the
input capacitors (C1, C2) and the bypass capacitors
(C3–C6) as close to the IC as possible. Connect the
bypass capacitors to the ground plane with multiple vias.
MAX2014
C6
R4
C1
C5
1
2
OUT
SET
VS
C4
C3
4
VCC
VCC
INLO
VOUT
VSET
20k
Ω
20k
Ω
INHI
7
8
RFIN
C2
3
DETECTORS
GND
6
PWDN
5
Figure 2. Controller-Mode Typical Application Circuit
MAX2014
OUT
SET
20k
Ω
20k
Ω
IN
COUPLER
LOGARITHMIC
DETECTOR
TRANSMITTER
POWER AMPLIFIER
GAIN-CONTROL INPUT
SET-POINT
DAC
Figure 3. System Diagram for Automatic Gain-Control Loop
13
4
86
5
MAX2014
2
7
TDFN
TOP VIEW
OUT
SET
GND PWDN
VCC
INHI
INLO
VCC
Pin Configuration
Chip Information
PROCESS: BiCMOS


Similar Part No. - MAX2014ETA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2014ETA++ MAXIM-MAX2014ETA+ Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014ETA+T MAXIM-MAX2014ETA+T Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
More results

Similar Description - MAX2014ETA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
   0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
logo
Analog Devices
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
   Logarithmic Detector/Controller
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
   LOGARITHMIC DETECTOR / CONTROLLER
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com