Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2014ETA-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2014ETA-T
Description  50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2014ETA-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2014ETA-T Datasheet HTML 1Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 2Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 3Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 4Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 5Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 6Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 7Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 8Page - Maxim Integrated Products MAX2014ETA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
50MHz to 1000MHz, 75dB Logarithmic
Detector/Controller
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2014 Typical Application Circuit (Figure 1), VS = +3.3V, fRF = 50MHz to 1000MHz, R1 = 0
Ω, R4 = 0Ω, RL = 10kΩ, TA = -40°C to
+85°C, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Temp Sensitivity when TA > +25°C
TA = +25°C to +85°C,
PIN = -25dBm
+0.0083
dB/°C
Temp Sensitivity when TA < +25°C
TA = -40°C to +25°C,
PIN = -25dBm
-0.0154
dB/°C
Slope
(Note 4)
19
mV/dB
Typical Slope Variation
TA = -40°C to +85°C
-4
µV/°C
Intercept
(Note 5)
-100
dBm
Typical Intercept Variation
TA = -40°C to +85°C
0.03
dBm/°C
RSSI MODE—100MHz
RF Input Power Range
(Note 2)
-65 to +5
dBm
±3dB Dynamic Range
TA = -40°C to +85°C (Note 3)
70
dB
Range Center
-30
dBm
Temp Sensitivity when TA > +25°C
TA = +25°C to +85°C,
PIN = -25dBm
+0.0083
dB/°C
Temp Sensitivity when TA < +25°C
TA = -40°C to +25°C,
PIN = -25dBm
-0.0154
dB/°C
Slope
(Note 4)
19
mV/dB
Typical Slope Variation
TA = -40°C to +85°C
-4
µV/°C
Intercept
(Note 5)
-100
dBm
Typical Intercept Variation
TA = -40°C to +85°C
0.03
dBm/°C
RSSI MODE—900MHz
RF Input Power Range
(Note 2)
-65 to +5
dBm
±3dB Dynamic Range
TA = -40°C to +85°C (Note 3)
70
dB
Range Center
-30
dBm
Temp Sensitivity when TA > +25°C
TA = +25°C to +85°C,
PIN = -25dBm
±0.0083
dB/°C
Temp Sensitivity when TA < +25°C
TA = -40°C to +25°C,
PIN = -25dBm
-0.0154
dB/°C
Slope
(Note 4)
18.1
mV/dB
Typical Slope Variation
TA = -40°C to +85°C
-4
µV/°C
Intercept
(Note 5)
-97
dBm
Typical Intercept Variation
TA = -40°C to +85°C
0.02
dBm/°C
Note 1: The MAX2014 is guaranteed by design for TA = -40°C to +85°C, as specified.
Note 2: Typical minimum and maximum range of the detector at the stated frequency.
Note 3: Dynamic range refers to the range over which the error remains within the stated bounds. The error is calculated at TA = -40°C
and +85°C, relative to the curve at TA = +25°C.
Note 4: The slope is the variation of the output voltage per change in input power. It is calculated by fitting a root-mean-square
(RMS) straight line to the data indicated by RF input power range.
Note 5: The intercept is an extrapolated value that corresponds to the output power for which the output voltage is zero.
It is calculated by fitting an RMS straight line to the data.


Similar Part No. - MAX2014ETA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2014ETA++ MAXIM-MAX2014ETA+ Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014ETA+T MAXIM-MAX2014ETA+T Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
More results

Similar Description - MAX2014ETA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
   0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
logo
Analog Devices
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
   Logarithmic Detector/Controller
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
   LOGARITHMIC DETECTOR / CONTROLLER
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com